Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 26Page - Renesas Technology Corp SH7708 Datasheet HTML 27Page - Renesas Technology Corp SH7708 Datasheet HTML 28Page - Renesas Technology Corp SH7708 Datasheet HTML 29Page - Renesas Technology Corp SH7708 Datasheet HTML 30Page - Renesas Technology Corp SH7708 Datasheet HTML 31Page - Renesas Technology Corp SH7708 Datasheet HTML 32Page - Renesas Technology Corp SH7708 Datasheet HTML 33Page - Renesas Technology Corp SH7708 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 633 page
background image
12
Table 1.2
SH7708 Series Pin Functions (cont)
No.
Terminal
I/O
Description
122
VCC
Power
Power (3.3 V)
123
WE1/DQMLU
O
D15–D8 selection signal
124
WE0/DQMLL
O
D7–D0 selection signal
125
CASLH
O
D15–D8 selection signal
126
CASLL/CAS/OE
O
D7–D0 selection/memory selection signal
127
VSS
Power
Power (0 V)
128
VCC
Power
Power (3.3 V)
129
RAS/CE
O
RAS for DRAM, SDRAM/CE for PSRAM
130
MD5/
RAS2
I/O
Operating mode pin/RAS for DRAM
131
CKE
O
Clock enable control for SDRAM
132
WAIT
I
Hardware wait request
133
VSS
Power
Power (0 V)
134
TCLK
I/O
Clock I/O for TMU/RTC
135
VCC (RTC)*3
Power
Power (3.3 V)
136
XTAL2
O
Crystal oscillator pin for on-chip RTC
137
EXTAL2
I
Crystal oscillator pin for on-chip RTC
138
VSS (RTC)*3
Power
Power (0 V)
139
VCC
Power
Power (3.3 V)
140
D31
I/O
Data bus
141
D30
I/O
Data bus
142
D29
I/O
Data bus
143
D28
I/O
Data bus
144
VSS
Power
Power (0 V)
Notes: 1. With the SH7708S and SH7708R, except in hardware standby mode, all V
CC and VSS
pins should be connected to the system power supply (power should be supplied
constantly). In hardware standby mode, power should be supplied at least to V
CC (RTC)
and V
SS (RTC).
If power is not supplied to V
CC and VSS pins other than VCC (RTC) and
V
SS (RTC), hold the CA pin low.
With the SH7708, it is not possible to supply power
only to the RTC power supply.
2. Power should be supplied regardless of whether or not the on-chip PLL is used.
3. Power should be supplied regardless of whether or not the RTC is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com