Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 46Page - Renesas Technology Corp SH7708 Datasheet HTML 47Page - Renesas Technology Corp SH7708 Datasheet HTML 48Page - Renesas Technology Corp SH7708 Datasheet HTML 49Page - Renesas Technology Corp SH7708 Datasheet HTML 50Page - Renesas Technology Corp SH7708 Datasheet HTML 51Page - Renesas Technology Corp SH7708 Datasheet HTML 52Page - Renesas Technology Corp SH7708 Datasheet HTML 53Page - Renesas Technology Corp SH7708 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 633 page
background image
32
Table 2.5
Instruction Code Format
Item
Format
Explanation
Instruction
mnemonic
OP.Sz SRC,DEST
OP: Operation code
Sz: Size
SRC: Source
DEST: Destination
Rm: Source register
Rn: Destination register
imm: Immediate data
disp: Displacement
Instruction
code
MSB
↔ LSB
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
...........
1111: R15
iiii: Immediate data
dddd: Displacement
Operation
→, ←
(xx)
M/Q/T
&
|
∧
~
<<n, >>n
Direction of transfer
Memory operand
Flag bits in SR
Logical AND of each bit
Logical OR of each bit
Exclusive OR of each bit
Logical NOT of each bit
n-bit shift
Privileged
mode
Indicates whether privileged mode applies
Execution
cycles
Value when no wait states are inserted
The execution cycles listed in the table are minimums. The
actual number of cycles may be increased in cases such
as the following:
1. When contention occurs between instruction fetches
and data access
2. When the destination register of the load instruction
(memory
→ register) and the register used by the next
instruction are the same
T bit
Value of T bit after instruction is executed
—: No change
Note:
Scaling (
×1, ×2, ×4) is performed according to the instruction operand size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com