Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 73Page - Renesas Technology Corp SH7708 Datasheet HTML 74Page - Renesas Technology Corp SH7708 Datasheet HTML 75Page - Renesas Technology Corp SH7708 Datasheet HTML 76Page - Renesas Technology Corp SH7708 Datasheet HTML 77Page - Renesas Technology Corp SH7708 Datasheet HTML 78Page - Renesas Technology Corp SH7708 Datasheet HTML 79Page - Renesas Technology Corp SH7708 Datasheet HTML 80Page - Renesas Technology Corp SH7708 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 633 page
background image
59
The MMU registers are shown in figure 3.3.
31
7
VPN
PTEH
PTEL
ASID
0
PPN
0
10
31
6
4 3 2 1 0
10
31
TTB
TTB
0
31
Virtual address causing TLB-related
or address error exception
TEA
0
PR SZ C D
8
9
7
V
0
0
SH 0
MMUCR
0
31
8
4
65
73 2 1
0
SV
RC
00
0 TF IX AT
0: Reserved bits (except MMUCR): Always read as 0. Writing is ignored.
(MMUCR) :Except bit 3 is read as 0. Bit 3 is don't care. Writing is
should be 0.
SV: Single virtual memory mode bit. Set to 1 for single virtual memory mode, cleared
to 0 for multiple virtual memory mode.
RC: A 2-bit random counter, automatically updated by hardware according to the
following rules in the event of an MMU exception. When a TLB miss exception
occurs, all TLB entry ways corresponding to the virtual address at which the
exception occurred are checked, and if all ways are valid, 1 is added to RC; if
there is one or more invalid way, they are set by priority from way 0, in the order:
way 0, way 1, way 2, way 3. In the event of an MMU exception other than a TLB
miss exception, the way which caused the exception is set in RC.
TF: TLB flush bit. Write 1 to flush the TLB (clear all valid bits of the TLB to 0). Always
reads 0.
IX: Index mode bit. When 0, VPN bits 16–12 are used as the TLB index number.
When 1, the value obtained by EX-ORing ASID bits 4–0 in PTEH and VPN bits
16–12 are used as the TLB index number.
AT: Address translation bit. Enables/disables the MMU.
0: MMU disabled
Figure 3.3 MMU Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com