Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 24Page - Renesas Technology Corp SH7708 Datasheet HTML 25Page - Renesas Technology Corp SH7708 Datasheet HTML 26Page - Renesas Technology Corp SH7708 Datasheet HTML 27Page - Renesas Technology Corp SH7708 Datasheet HTML 28Page - Renesas Technology Corp SH7708 Datasheet HTML 29Page - Renesas Technology Corp SH7708 Datasheet HTML 30Page - Renesas Technology Corp SH7708 Datasheet HTML 31Page - Renesas Technology Corp SH7708 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 633 page
background image
10
Table 1.2
SH7708 Series Pin Functions (cont)
No.
Terminal
I/O
Description
61
A16
O
Address bus
62
A17
O
Address bus
63
A18
O
Address bus
64
A19
O
Address bus
65
A20
O
Address bus
66
A21
O
Address bus
67
A22
O
Address bus
68
VSS
Power
Power (0 V)
69
VCC
Power
Power (3.3 V)
70
A23
O
Address bus
71
A24
O
Address bus
72
A25
O
Address bus
73
VSS(PLL1)*2
Power
Power (0 V) for PLL1
74
CAP1
O
External capacitance pin for PLL1
75
VCC(PLL1)*2
Power
Power (3.3 V) for PLL1
76
VSS(PLL2)*2
Power
Power (0 V) for PLL2
77
CAP2
O
External capacitance pin for PLL2
78
VCC(PLL2)*2
Power
Power (3.3 V) for PLL2
79
EXTAL
I
External clock/crystal oscillator pin
80
XTAL
O
Crystal oscillator pin
81(SH7708)
VCC
Power
Power(3.3V)
81(SH7708S,
SH7708R)
CA
I
Chip active
82
VSS
Power
Power (0 V)
83
VCC
Power
Power (3.3 V)
84
MD2/RXD
I
Operating mode pin/serial data input
85
MD1/TXD
I/O
Operating mode pin/serial data output
86
MD0/SCK
I/O
Operating mode pin/serial clock
87
BREQ
I
Bus request
88
RESET
I
Reset
89
NMI
I
Nonmaskable interrupt request
90
IRL3
I
External interrupt source input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com