Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 94Page - Renesas Technology Corp SH7708 Datasheet HTML 95Page - Renesas Technology Corp SH7708 Datasheet HTML 96Page - Renesas Technology Corp SH7708 Datasheet HTML 97Page - Renesas Technology Corp SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp SH7708 Datasheet HTML 100Page - Renesas Technology Corp SH7708 Datasheet HTML 101Page - Renesas Technology Corp SH7708 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 633 page
background image
80
3.6.3
Usage Examples
Invalidating Specific Entries: Specific TLB entries can be invalidated by writing 0 to the entry’s
V bit. When the A bit is 1, the VPN and ASID specified by the write data is compared to the VPN
and ASID within the TLB entry selected by the entry address and data is written to the matching
way. If no match is found, there is no operation. R0 specifies the write data and R1 specifies the
address.
; R0=H'1547 381C
R1=H'F201 3080
; MMUCR.IX=0
; VPN(31–17)=B'0001 0101 0100 011
VPN(11–10)=B'10
ASID=B'0001 1100
; corresponding entry association is made from the entry selected by
; the VPN(16–12)=B'1 0011 index, the V bit of the hit way is cleared to
; 0,achieving invalidation.
MOV.L
R0,@R1
Reading the Data of a Specific Entry: This example reads the data section of a specific TLB
entry. The bit order indicated in the data field in figure 3.14 (2) is read. R0 specifies the address
and the data section of a selected entry is read to R1.
; R0=H'F300 4300
VPN(16-12)=B'00100
Way 3
; MOV.L @R0,R1
3.7
Usage Note
Instructions that manipulate the MD or BL bit in register SR (the LDC Rm, SR instruction, LDC
@Rm+, SR instruction, and RTE instruction) and the following instruction, or the LDTLB
instruction, should be used with the TLB disabled or in a fixed physical address space (the P1 or
P2 space).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com