Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 77Page - Renesas Technology Corp SH7708 Datasheet HTML 78Page - Renesas Technology Corp SH7708 Datasheet HTML 79Page - Renesas Technology Corp SH7708 Datasheet HTML 80Page - Renesas Technology Corp SH7708 Datasheet HTML 81Page - Renesas Technology Corp SH7708 Datasheet HTML 82Page - Renesas Technology Corp SH7708 Datasheet HTML 83Page - Renesas Technology Corp SH7708 Datasheet HTML 84Page - Renesas Technology Corp SH7708 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 633 page
background image
63
31
16
11
12
17
0
Virtual address
Way 0–3
VPN(31–17)
VPN(11–10)
ASID(7–0)
V
0
Address array
Data array
PPN(31–10) PR(1–0) SZ C
D SH
Index
31
Figure 3.7 TLB Indexing (IX = 0)
3.3.3
TLB Address Comparison
The results of address comparison determine whether a specific virtual page number is registered
in the TLB. The virtual page number of the virtual address that accesses external memory is
compared to the virtual page number of the indexed TLB entry. The ASID within the PTEH is
compared to the ASID of the indexed TLB entry. All four ways are searched simultaneously. If the
compared values match, and the indexed TLB entry is valid (V bit = 1), the hit is registered.
It is necessary to have the software ensure that TLB hits do not occur simultaneously in more than
one way, as hardware operation is not guaranteed if this happens. For example, if there are two
identical TLB entries with the same VPN and a setting is made such that a TLB hit is made only
by a process with ASID = H'FF when one is in the shared state (SH = 1) and the other in the non-
shared state (SH = 0), then if the ASID in PHE is set to H'FF, there is a possibility of simultaneous
TLB hits in both these ways. It is therefore necessary to ensure that this kind of setting is not made
by the software.
The object compared varies depending on the page management information (SZ, SH) in the TLB
entry. It also varies depending on whether the system supports multiple virtual memory or single
virtual memory.
The page size information determines whether VPN (11–10) is compared. VPN (11–10) is
compared for 1-kbyte pages (SZ = 0) but not for 4-kbyte pages (SZ = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com