Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 96Page - Renesas Technology Corp SH7708 Datasheet HTML 97Page - Renesas Technology Corp SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp SH7708 Datasheet HTML 100Page - Renesas Technology Corp SH7708 Datasheet HTML 101Page - Renesas Technology Corp SH7708 Datasheet HTML 102Page - Renesas Technology Corp SH7708 Datasheet HTML 103Page - Renesas Technology Corp SH7708 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 633 page
background image
82
A basic exception processing sequence consists of the following operations:
• The contents of the PC and SR are saved in the SPC and SSR, respectively.
• The block (BL) bit in SR is set to 1, masking any subsequent exceptions.
• The mode (MD) bit in SR is set to 1 to place the SH7708 Series in privileged mode.
• The register bank (RB) bit in SR is set to 1.
• An encoded value identifying the exception event is written to bits 11–0 of the exception event
(EXPEVT) or interrupt event (INTEVT) register.
• Instruction execution jumps to the designated exception processing vector address to invoke
the handler routine.
4.2.2
Exception Handling Vector Addresses
The reset vector address is fixed at H'A0000000. The other three events are assigned offsets from
the vector base address by software. Translation lookaside buffer (TLB) miss exceptions have an
offset from the vector base address of H'00000400. The vector address offset for general exception
events other than TLB miss exceptions is H'00000100. The interrupt vector address offset is
H'00000600. The vector base address is loaded into the vector base register (VBR) by software.
The vector base address should reside in P1 or P2 fixed physical address space. Figure 4.1 shows
the relationship between the vector base address, the vector offset, and the vector table.
VBR
+ Vector offset
H'A000 0000
Vector table
Figure 4.1 Vector Table
In table 4.2, exceptions and their vector addresses are listed by exception type, instruction
completion status, relative acceptance priority, relative order of occurrence within an instruction
execution sequence and vector address for exceptions and their vector addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com