Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 18Page - Renesas Technology Corp SH7708 Datasheet HTML 19Page - Renesas Technology Corp SH7708 Datasheet HTML 20Page - Renesas Technology Corp SH7708 Datasheet HTML 21Page - Renesas Technology Corp SH7708 Datasheet HTML 22Page - Renesas Technology Corp SH7708 Datasheet HTML 23Page - Renesas Technology Corp SH7708 Datasheet HTML 24Page - Renesas Technology Corp SH7708 Datasheet HTML 25Page - Renesas Technology Corp SH7708 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 633 page
background image
4
Table 1.1
SH7708 Series Features (cont)
Item
Features
Bus state
controller
(BSC)
• Supports external memory access
 32/16/8-bit external data bus
• Physical address space divided into seven areas, each a maximum 64
Mbytes, with the following features settable for each area:
 Bus size (8, 16, or 32 bits)
 Number of wait cycles (also supports a hardware wait function)
 Setting the type of space enables direct connection to DRAM,
synchronous DRAM, pseudo-SRAM, and burst ROM
 Supports fast page mode and EDO for DRAM
 Supports PCMCIA interface
 Outputs chip select signal (CS0–CS6) for corresponding area
• DRAM/synchronous DRAM/pseudo-SRAM refresh function
 Programmable refresh interval
 Supports CAS-before-RAS refresh and self-refresh modes
• DRAM/synchronous DRAM/pseudo-SRAM burst access function
• Usable as either big- or little-endian machine
Timer
• 3-channel auto-reload type 32-bit timer
• Input capture function
• 6 types of counter input clock can be selected
• Maximum resolution: 2 MHz
Realtime clock
(RTC)
• On-chip clock and calendar functions
• On-chip 32-kHz crystal oscillator circuit with a maximum resolution (interrupt
cycle) of 1/256 second
Serial communi-
cation interface
(SCI)
• Selection of asynchronous or synchronous mode
• Full-duplex communication
• Supports smart card interface
Package
• 144-pin plastic QFP(FP-144)
• 144-pin plastic TQFP (TFP-144)*
Note: * SH7708S only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com