Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 22Page - Renesas Technology Corp SH7708 Datasheet HTML 23Page - Renesas Technology Corp SH7708 Datasheet HTML 24Page - Renesas Technology Corp SH7708 Datasheet HTML 25Page - Renesas Technology Corp SH7708 Datasheet HTML 26Page - Renesas Technology Corp SH7708 Datasheet HTML 27Page - Renesas Technology Corp SH7708 Datasheet HTML 28Page - Renesas Technology Corp SH7708 Datasheet HTML 29Page - Renesas Technology Corp SH7708 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 633 page
background image
8
1.3.2
SH7708 Series Pin Functions
Table 1.2
SH7708 Series Pin Functions
No.
Terminal
I/O
Description
1
D27
I/O
Data bus
2
D26
I/O
Data bus
3
D25
I/O
Data bus
4
D24
I/O
Data bus
5
D23/Port7
I/O
Data bus/port
6VSS
Power
Power (0 V)
7VCC
Power
Power (3.3 V)
8
D22/Port6
I/O
Data bus/port
9
D21/Port5
I/O
Data bus/port
10
D20/Port4
I/O
Data bus/port
11
D19/Port3
I/O
Data bus/port
12
D18/Port2
I/O
Data bus/port
13
D17/Port1
I/O
Data bus/port
14
D16/Port0
I/O
Data bus/port
15
D15
I/O
Data bus
16
D14
I/O
Data bus
17
VSS
Power
Power (0 V)
18
VCC
Power
Power (3.3 V)
19
VSS
Power
Power (0 V)
20
VCC
Power
Power (3.3 V)
21
D13
I/O
Data bus
22
D12
I/O
Data bus
23
D11
I/O
Data bus
24
D10
I/O
Data bus
25
D9
I/O
Data bus
26
D8
I/O
Data bus
27
D7
I/O
Data bus
28
D6
I/O
Data bus
29
D5
I/O
Data bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com