Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 71Page - Renesas Technology Corp SH7708 Datasheet HTML 72Page - Renesas Technology Corp SH7708 Datasheet HTML 73Page - Renesas Technology Corp SH7708 Datasheet HTML 74Page - Renesas Technology Corp SH7708 Datasheet HTML 75Page - Renesas Technology Corp SH7708 Datasheet HTML 76Page - Renesas Technology Corp SH7708 Datasheet HTML 77Page - Renesas Technology Corp SH7708 Datasheet HTML 78Page - Renesas Technology Corp SH7708 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 633 page
background image
57
Address Space Identifier (ASID): When multiple processes run in parallel sharing the same
virtual address space and the processes have unique address translation tables, the virtual space
can be multiplexed. The ASID is 8 bits in length and is held in PTEH within the MMU indicating
the current process. With ASID, the TLB need not be purged when the process is switched.
When multiple processes run in parallel using the virtual address space exclusively, the physical
address corresponding to a given virtual address is specified uniquely. For this kind of single
virtual memory, the ASID becomes a key to protect memory (see section 3.4.2).
3.1.4
Register Configuration
A register that has an undefined initial value must be initialized by the software. Table 3.1 shows
the configuration of the MMU control registers.
Table 3.1
Register Configuration
Name
Abbreviation
R/W
Size
Initial Value*1 Address
Page table entry register
high
PTEH
R/W
Longword
Undefined
H'FFFFFFF0
Page table entry register low
PTEL
R/W
Longword
Undefined
H'FFFFFFF4
Translation table base
register
TTB
R/W
Longword
Undefined
H'FFFFFFF8
TLB exception address
register
TEA
R/W
Longword
Undefined
H'FFFFFFFC
MMU control register
MMUCR
R/W
Longword
*2
H'FFFFFFE0
Notes: 1. Initialized by a power-on reset or manual reset.
2. SV bit: undefined
Other bits: 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com