Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 82Page - Renesas Technology Corp SH7708 Datasheet HTML 83Page - Renesas Technology Corp SH7708 Datasheet HTML 84Page - Renesas Technology Corp SH7708 Datasheet HTML 85Page - Renesas Technology Corp SH7708 Datasheet HTML 86Page - Renesas Technology Corp SH7708 Datasheet HTML 87Page - Renesas Technology Corp SH7708 Datasheet HTML 88Page - Renesas Technology Corp SH7708 Datasheet HTML 89Page - Renesas Technology Corp SH7708 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 633 page
background image
68
3.4.4
Avoiding Synonym Problems
When a 1-kbyte page is recorded in a TLB entry, a synonym problem may arise. If a number of
virtual addresses are mapped onto a single physical address, the same physical address data will be
recorded in a number of cache entries, and it will not be possible to guarantee data congruity. The
reason why this problem only occurs when using a 1-kbyte page is explained below with reference
to figure 3.10.
To achieve high-speed operation of the SH7708 Series cache, an index number is created using
virtual address bits 10–4. When a 4-kbyte page is used, virtual address bits 10–4 are included in
the offset, and since they are not subject to address translation, they are the same as physical
address bits 10–4. In cache-based address comparison and recording in the address array, since the
cache tag address is a physical address, physical address bits 31–10 are recorded.
When a 1-kbyte page is used, also, a cache index number is created using virtual address bits 10-4.
However, in the case of a 1-kbyte page, virtual address bit 10 is subject to address translation and
therefore may not be the same as physical address bit 10. Consequently, the physical address is
recorded in a different entry from that of the index number indicated by the physical address in the
cache address array.
For example, assume that, with 1-kbyte page TLB entries, TLB entries for which the following
translation has been performed are recorded in two TLBs:
Virtual address 1 H'00000000
→ physical address H'00000400
Virtual address 2 H'00000400
→ physical address H'00000400
Virtual address 1 is recorded in cache entry H'00, and virtual address 2 in cache entry H'40. Since
the two virtual addresses are recorded in different cache entries despite the fact that the physical
addresses are the same, memory inconsistency will occur as soon as a write is performed to either
virtual address. Therefore, when recording a 1-kbyte TLB entry, if the physical address is the same
as a physical address already used in another TLB entry, it should be recorded in such a way that
physical address bit 10 is the same.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com