Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 79Page - Renesas Technology Corp SH7708 Datasheet HTML 80Page - Renesas Technology Corp SH7708 Datasheet HTML 81Page - Renesas Technology Corp SH7708 Datasheet HTML 82Page - Renesas Technology Corp SH7708 Datasheet HTML 83Page - Renesas Technology Corp SH7708 Datasheet HTML 84Page - Renesas Technology Corp SH7708 Datasheet HTML 85Page - Renesas Technology Corp SH7708 Datasheet HTML 86Page - Renesas Technology Corp SH7708 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 633 page
background image
65
3.3.4
Page Management Information
In addition to the SH and SZ bits, the page management information of TLB entries also includes
D, C, and PR bits.
The D bit of a TLB entry indicates whether the page is dirty (i.e., has been written to). If the D bit
is 0, an attempt to write to the page results in an initial page write exception. For physical page
swapping between secondary memory and main memory, for example, pages are controlled so that
a dirty page is paged out of main memory only after that page is written back to secondary
memory. To record that there has been a write to a given page in the address translation table in
memory, an initial page write exception is used.
The C bit in the entry indicates whether the referenced page resides in a cacheable or non-
cacheable area of memory. The PR field specifies the access rights for the page in privileged and
user modes and is used to protect memory. Attempts at nonpermitted accesses result in TLB
protection violation exceptions.
Access states designated by the D, C, and PR bits are shown in table 3.2.
Table 3.2
Access States Designated by D, C, and PR Bits
Privileged Mode
User Mode
Reading
Writing
Reading
Writing
D bit
0
Permitted
Initial page write
exception
Permitted
Initial page write
exception
1
Permitted
Permitted
Permitted
Permitted
C bit
0
Permitted
(no caching)
Permitted
(no caching)
Permitted
(no caching)
Permitted
(no caching)
1
Permitted
(with caching)
Permitted
(with caching)
Permitted
(with caching)
Permitted
(with caching)
PR bit
00
Permitted
TLB protection
violation exception
TLB protection
violation
exception
TLB protection
violation exception
01
Permitted
Permitted
TLB protection
violation
exception
TLB protection
violation exception
10
Permitted
TLB protection
violation exception
Permitted
TLB protection
violation exception
11
Permitted
Permitted
Permitted
Permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com