Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 91Page - Renesas Technology Corp SH7708 Datasheet HTML 92Page - Renesas Technology Corp SH7708 Datasheet HTML 93Page - Renesas Technology Corp SH7708 Datasheet HTML 94Page - Renesas Technology Corp SH7708 Datasheet HTML 95Page - Renesas Technology Corp SH7708 Datasheet HTML 96Page - Renesas Technology Corp SH7708 Datasheet HTML 97Page - Renesas Technology Corp SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 633 page
background image
77
3.6
Memory-Mapped TLB
In order for TLB operations to be managed by software, TLB contents can be read or written to in
privileged mode using the MOV instruction. The TLB is assigned to the P4 area in virtual address
space. The TLB address array (VPN, V bit, and ASID) is assigned to H'F2000000–H'F2FFFFFF,
and the data array (PPN, PR, SZ, C, D, and SH bits) to H'F3000000–H'F3FFFFFF. The V bit in
the address array can also be accessed from the data array. Only longword access is possible for
both the address array and the data array.
3.6.1
Address Array
The address array is assigned to H'F2000000 to H'F2FFFFFF. To access an address array, the
32-bit address field (for read/write operations) and 32-bit data field (for write operations) must be
specified. The address field specifies information for selecting the entry to be accessed; the data
field specifies the VPN, V bit and ASID to be written to the address array (figure 3.14 (1)).
In the address field, specify the entry address for selecting the entry (bits 16–12), W for selecting
the way (bits 9–8: 00 is way 0, 01 is way 1, 10 is way 2, 11 is way 3) and H'F2 to indicate address
array access (bits 31–24). The IX bit in MMUCR indicates whether an EX-OR is taken of the
entry address and ASID.
When writing, specify bit 7 as the A bit. The A bit indicates whether addresses are compared
during writing. When the A bit is 1, the VPNs of the four entries selected by the entry addresses
are compared to the VPN to be written into the address array specified in the data field. Writing
takes place to the way that has a hit. When a miss occurs, nothing is written to the address array
and no operation occurs. The way number specified in bits 9–8 is not used. The item compared is
determined by the SZ and SH bits of the entry selected by the entry address, the SV bit in
MMUCR and the MD bit in SR, just as in ordinary operations (see section 3.3.3).
When the A bit is 0, it is written to the entry selected with the entry address and way number
without comparing addresses.
When reading, the VPN (31–17, 11–10), V bit, and ASID of the entry specified by the entry
address and way number are read in the format of the data field in figure 3.14 without comparing
addresses. Zero is read in the data field (16–12).
To invalidate a specific entry, specify the entry and write 0 to its V bit. When 1 is specified for the
A bit, only the required VPN entry is invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com