Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 16Page - Renesas Technology Corp SH7708 Datasheet HTML 17Page - Renesas Technology Corp SH7708 Datasheet HTML 18Page - Renesas Technology Corp SH7708 Datasheet HTML 19Page - Renesas Technology Corp SH7708 Datasheet HTML 20Page - Renesas Technology Corp SH7708 Datasheet HTML 21Page - Renesas Technology Corp SH7708 Datasheet HTML 22Page - Renesas Technology Corp SH7708 Datasheet HTML 23Page - Renesas Technology Corp SH7708 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 633 page
background image
2
Table 1.1
SH7708 Series Features
Item
Features
CPU
• Original Hitachi SuperH RISC engine architecture
• 32-bit internal data bus
• General-register machine
 Sixteen 32-bit general registers (eight 32-bit bank registers)
 Five 32-bit control registers
 Four 32-bit system registers
• RISC-type instruction set (upward compatibility with the SH-1 and SH-2
series)
 Instruction length: 16-bit fixed length for improved code efficiency
 Load-store architecture
 Delayed branch instructions
 C-oriented instruction set
• Instruction execution time: one instruction/cycle for basic instructions
• Logical address space: 4 Gbytes (448-Mbyte actual memory space)
• Space identifier ASID: 8 bits, 256 logical address spaces
• On-chip multiplier
• Five-stage pipeline
Operating modes,
clock pulse
generator
• Clock mode: selected from an on-chip oscillator module, a frequency-
doubling circuit, or a clock output by combining them by PLL synchronization
• Processing states:
 Power-on reset state
 Manual reset state
 Exception processing state
 Program execution state
 Power-down state
 Bus-released state
• Power-down modes:
 Sleep mode
 Standby mode
 Hardware Standby mode(SH7708S, SH7708R only)
• On-chip clock pulse generator
• One watchdog timer channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com