Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 15Page - Renesas Technology Corp SH7708 Datasheet HTML 16Page - Renesas Technology Corp SH7708 Datasheet HTML 17Page - Renesas Technology Corp SH7708 Datasheet HTML 18Page - Renesas Technology Corp SH7708 Datasheet HTML 19Page - Renesas Technology Corp SH7708 Datasheet HTML 20Page - Renesas Technology Corp SH7708 Datasheet HTML 21Page - Renesas Technology Corp SH7708 Datasheet HTML 22Page - Renesas Technology Corp SH7708 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 633 page
background image
1
Section 1 Overview and Pin Functions
1.1
SH7708 Series Features
The SH7708, SH7708S, and SH7708R(SH7708 Series) are 32-bit RISC (reduced instruction set
computer) microcomputers, featuring object code upward-compatibility with SH-1 and SH-2
microcomputers. The SH7708R is completely pin compatible with the SH7708S. It includes an 8-
kbyte cache with a choice of write-back or write-through mode, and an MMU (memory
management unit) with a 128-entry 4-way set associative TLB (translation lookaside buffer).
The SH7708 Series has an on-chip bus state controller (BSC) that allows direct connection to
DRAM, synchronous DRAM (SDRAM), and pseudo-SRAM (PSRAM) without external circuitry.
Its 16-bit fixed-length instruction set enables program code size to be reduced by almost 50%
compared with 32-bit instructions.
The features of the SH7708 Series are summarized in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com