Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 75Page - Renesas Technology Corp SH7708 Datasheet HTML 76Page - Renesas Technology Corp SH7708 Datasheet HTML 77Page - Renesas Technology Corp SH7708 Datasheet HTML 78Page - Renesas Technology Corp SH7708 Datasheet HTML 79Page - Renesas Technology Corp SH7708 Datasheet HTML 80Page - Renesas Technology Corp SH7708 Datasheet HTML 81Page - Renesas Technology Corp SH7708 Datasheet HTML 82Page - Renesas Technology Corp SH7708 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 633 page
background image
61
31
9
VPN
Virtual address (1-kbyte page)
Virtual address (4-kbyte page)
TLB entry
Offset
VPN
VPN (31–17) VPN (11–10) ASID SH SZ V
PR
PPN
C D
Offset
0
10
31
11
0
(15)
(2)
(2)
(22)
(8)
(1)
(1)
(1)
(1) (1)
12
VPN: Virtual page number. Top 22 bits of virtual address for a 1-kbyte page, or top 20 bits of virtual
address for a 4-kbyte page. Since VPN bits 16-12 are used as the index number, they are
not stored in the TLB entry.
ASID: Address space identifier. Indicates the process that can access a virtual page. In single
virtual memory mode and user mode, or in multiple virtual memory mode, if the SH bit is 0,
the address is compared with the ASID in PTEH when address comparison is performed.
SH: Share status bit
0 = Page not shared between processes
1 = Page shared between processes
SZ: Page size bit
0 = 1-kbyte page
1 = 4-kbyte page
V: Valid bit. Indicates whether entry is valid.
0 = Invalid
1 = Valid
Cleared to 0 by a power-on reset. Not affected by a manual reset.
PPN: Physical page number. Top 22 bits of physical address. PPN bits 11-10 are not used in the
case of a 4-kbyte page. Attention must be paid to the synonym problem in the case of a
1-kbyte page (see section 3.4.4).
Set the most significant bit to 0.
PR: Protection key field. 2-bit field encoded to define the access rights to the page.
00: Reading only is possible in privileged mode.
01: Reading/writing is possible in privileged mode.
10: Reading only is possible in privileged/user mode.
11: Reading/writing is possible in privileged/user mode.
C: Cacheable bit. Indicates whether the page is cacheable.
0: Non-cacheable
1: Cacheable
D: Dirty bit. Indicates whether the page has been written to.
0 = Not written to
1 = Written to
Figure 3.5 Virtual Address and TLB Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com