Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 27Page - Renesas Technology Corp SH7708 Datasheet HTML 28Page - Renesas Technology Corp SH7708 Datasheet HTML 29Page - Renesas Technology Corp SH7708 Datasheet HTML 30Page - Renesas Technology Corp SH7708 Datasheet HTML 31Page - Renesas Technology Corp SH7708 Datasheet HTML 32Page - Renesas Technology Corp SH7708 Datasheet HTML 33Page - Renesas Technology Corp SH7708 Datasheet HTML 34Page - Renesas Technology Corp SH7708 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 633 page
background image
13
Section 2 CPU
2.1
Register Configuration
2.1.1
Privileged Mode and Banks
Processor Modes: There are two processor modes: user mode and privileged mode. The SH7708
Series normally operates in user mode, and enters privileged mode when an exception occurs or an
interrupt is accepted. There are three kinds of registers—general registers, system registers, and
control registers—and the registers that can be accessed differ in the two processor modes.
General Registers: There are 16 general registers, designated R0 to R15. General registers R0 to
R7 are banked registers which are switched by a processor mode change. In privileged mode, the
register bank bit (RB) in the status register (SR) defines which banked register set is accessed as
general registers, and which set is accessed only through the load control register (LDC) and store
control register (STC) instructions.
When the RB bit is 1, BANK1 general registers R0_BANK1–R7_BANK1 and non-banked
general registers R8–R15 function as the general register set, with BANK0 general registers
R0_BANK0–R7_BANK0 accessed only by the LDC/STC instructions.
When the RB bit is 0, BANK0 general registers R0_BANK0–R7_BANK0 and nonbanked general
registers R8–R15 function as the general register set, with BANK1 general registers R0_BANK1–
R7_BANK1 accessed only by the LDC/STC instructions. In user mode, the 16 registers
comprising bank 0 general registers R0_BANK0–R7_BANK0 and non-banked registers R8–R15
can be accessed as general registers R0–R15, and bank 1 general registers R0_BANK1–
R7_BANK1 cannot be accessed.
Control Registers: Control registers comprise the global base register (GBR) and status register
(SR) which can be accessed in both processor modes, and the saved status register (SSR), saved
program counter (SPC), and vector base register (VBR) which can only be accessed in privileged
mode. Some bits of the status register (such as the RB bit) can only be accessed in privileged
mode.
System Registers: System registers comprise the multiply and accumulate registers
(MACL/MACH), the procedure register (PR), and the program counter (PC). Access to these
registers does not depend on the processor mode.
The register configuration in each mode is shown in figures 2.1 and 2.2.
Switching between user mode and privileged mode is controlled by the processor mode bit (MD)
in the status register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com