Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 32Page - Renesas Technology Corp SH7708 Datasheet HTML 33Page - Renesas Technology Corp SH7708 Datasheet HTML 34Page - Renesas Technology Corp SH7708 Datasheet HTML 35Page - Renesas Technology Corp SH7708 Datasheet HTML 36Page - Renesas Technology Corp SH7708 Datasheet HTML 37Page - Renesas Technology Corp SH7708 Datasheet HTML 38Page - Renesas Technology Corp SH7708 Datasheet HTML 39Page - Renesas Technology Corp SH7708 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 633 page
background image
18
SSR
Saved Status Register (SSR)
Stores current SR value at time of exception to indicate processor
status in return to instruction stream from exception handler.
Its contents are undefined after a reset.
Saved Program Counter (SPC)
Stores current PC value at time of exception to indicate return
address at completion of exception handling.
Its contents are undefined after a reset.
Global Base Register (GBR)
Stores base address of GBR-indirect addressing mode.
The GBR-indirect addressing mode is used for on-chip supporting
module register area data transfers and logic operations.
The GBR register can also be accessed in user mode.
Its contents are undefined after a reset.
Vector Base Register (VBR)
Stores base address of exception handling vector area.
Initialized to H'0000000 by a reset.
31
0
SPC
31
0
GBR
31
0
VBR
31
0
MD
BL
M Q
0––––––––––––––––––––––––––––0
I3 I2 I1 I0 0 0 S T
Status
register
(SR)
31
29 28 27
10 9 8 7
0
1
3
0RB
30
MD:
RB:
BL:
M and Q bits:
I3–I0 bits:
S bit:
T bit:
0 bits:
Processor operation mode bit: Indicates the processor operation mode as follows:
MD =1: Privileged mode; MD = 0: User mode
MD is set to 1 on generation of an exception or interrupt , and is initialized to 1 by a reset.
Register bank bit: Determines the bank of general registers R0–R7 used in processing mode.
RB = 1: R0_BANK1–R7_BANK1 and R8–R15 are general registers, and R0_BANK0–
R7_BANK0 can be accessed by LDC/STC instructions.
RB = 0: R0_BANK0–R7_BANK0 and R8–R15 are general registers, and R0_BANK1–
R7_BANK1 can be accessed by LDC/STC instructions.
RB is set to 1 on generation of an exception or interrupt , and is initialized to 1 by a reset.
Block bit
BL = 1: Exceptions and interrupts are suppressed. See section 4, Exception
Handling, for details.
BL = 0: Exceptions and interrupts are accepted.
BL is set to 1 on generation of an exception or interrupt , and is initialized to 1 by a reset.
Used by the DIV0S/U and DIV1 instructions.
Interrupt mask bits: 4-bit field indicating the interrupt request mask level.
I3–I0 do not change to the interrupt acceptance level when an interrupt is generated.
Initialized to B'1111 by a reset.
Used by the MAC instruction.
Used by the MOVT, CMP/cond, TAS, TST, BT, BF, SETT, CLRT, and DT instructions to
indicate true (1) or false (0).
Used by the ADDV/C, SUBV/C, DIV0U/S, DIV1, NEGC, SHAR/L, SHLR/L, ROTR/L, and
ROTCR/L instructions to indicate a carry, borrow, overflow, or underflow.
These bits always read 0, and the write value should always be 0.
Note: The M, Q, S, and T bits can be set or cleared by special instructions in user mode.
Their values are undefined after a reset. All other bits can be read or written in privileged mode.
Figure 2.5 Register Set Overview, Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com