Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 33Page - Renesas Technology Corp SH7708 Datasheet HTML 34Page - Renesas Technology Corp SH7708 Datasheet HTML 35Page - Renesas Technology Corp SH7708 Datasheet HTML 36Page - Renesas Technology Corp SH7708 Datasheet HTML 37Page - Renesas Technology Corp SH7708 Datasheet HTML 38Page - Renesas Technology Corp SH7708 Datasheet HTML 39Page - Renesas Technology Corp SH7708 Datasheet HTML 40Page - Renesas Technology Corp SH7708 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 633 page
background image
19
2.2
Data Formats
2.2.1
Data Format in Registers
Register operands are always longwords (32 bits, figure 2.6). When a memory operand is only a
byte (8 bits) or a word (16 bits), it is sign-extended into a longword when loaded into a register.
Longword
31
0
Figure 2.6 Longword
2.2.2
Data Format in Memory
Memory data formats are classified into bytes, words, and longwords. Memory can be accessed in
8-bit byte, 16-bit word, or 32-bit longword form. A memory operand less than 32 bits in length is
sign-extended before being stored in a register.
A word operand must be accessed starting from a word boundary (even address of a 2-byte unit:
address 2n), and a longword operand starting from a longword boundary (even address of a 4-byte
unit: address 4n). An address error will result if this rule is not observed. A byte operand can be
accessed from any address.
Big-endian or little-endian byte order can be selected for the data format. The endian mode should
be set with the MD5 external pin in a power-on reset. Big-endian mode is selected when the MD5
pin is low, and little-endian when high. The endian mode cannot be changed dynamically. Bit
positions are numbered left to right from most-significant to least-significant. Thus, in a 32-bit
longword, the leftmost bit, bit 31, is the most significant bit and the rightmost bit, bit 0, is the least
significant bit.
The data format in memory is shown in figure 2.7. In little-endian mode, data written in byte-size
(8-bit) units should be read in byte-size units, and data written in word-size (16-bit) units should
be read in word-size units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com