Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 62Page - Renesas Technology Corp SH7708 Datasheet HTML 63Page - Renesas Technology Corp SH7708 Datasheet HTML 64Page - Renesas Technology Corp SH7708 Datasheet HTML 65Page - Renesas Technology Corp SH7708 Datasheet HTML 66Page - Renesas Technology Corp SH7708 Datasheet HTML 67Page - Renesas Technology Corp SH7708 Datasheet HTML 68Page - Renesas Technology Corp SH7708 Datasheet HTML 69Page - Renesas Technology Corp SH7708 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 633 page
background image
48
2.5
Processor States and Processor Modes
2.5.1
Processor States
The SH7708 Series has five processor states: the reset state, exception-handling state, bus-released
state, program execution state, and power-down state.
Reset State: In this state the CPU is reset. The reset state is entered when the
RESET pin goes
low. The CPU enters the power-on reset state if the
BREQ pin is high, or the manual reset state if
the
BREQ pin is low. See section 4, Exception Handling, for more information on resets.
In the power-on reset state, the internal states of the CPU and the on-chip supporting module
registers are initialized. In the manual reset state, the internal states of the CPU and registers of on-
chip supporting modules other than the bus state controller (BSC) are initialized. Since the BSC is
not initialized in the manual reset state, refreshing operations continue. Refer to the register
configurations in the relevant sections for further details.
Exception-Handling State: This is a transient state during which the CPU’s processor state flow
is altered by a reset, general exception, or interrupt exception handling.
In the case of a reset, the CPU branches to address H'A0000000 and starts executing the user-
coded exception handling program.
In the case of a general exception or interrupt, the program counter (PC) contents are saved in the
saved program counter (SPC) and the status register (SR) contents are saved in the saved status
register (SSR). The CPU branches to the start address of the user-coded exception service routine
found from the sum of the contents of the vector base address and the vector offset. See section 4,
Exception Processing, for more information on resets, general exceptions, and interrupts.
Program Execution State: In this state the CPU executes program instructions in sequence.
Power-Down State: In the power-down state, CPU operation halts and power consumption is
reduced. The power-down state is entered by means of the SLEEP instruction or the CA pin*.
There are three modes in the power-down state: sleep mode, standby mode and hardware standby
mode. See section 8, Power-Down Modes, for more information.
Note:SH7708S,SH7708R only
Bus-Released State: In this state the CPU has released the bus to a device that requested it.
Transitions between the states are shown in figure 2.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com