Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 85Page - Renesas Technology Corp SH7708 Datasheet HTML 86Page - Renesas Technology Corp SH7708 Datasheet HTML 87Page - Renesas Technology Corp SH7708 Datasheet HTML 88Page - Renesas Technology Corp SH7708 Datasheet HTML 89Page - Renesas Technology Corp SH7708 Datasheet HTML 90Page - Renesas Technology Corp SH7708 Datasheet HTML 91Page - Renesas Technology Corp SH7708 Datasheet HTML 92Page - Renesas Technology Corp SH7708 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 633 page
background image
71
2. If using software for way selection for entry replacement, write the desired value to the RC
field in MMUCR.
3. Issue the LDTLB instruction to load the contents of PTEH and PTEL into the TLB.
4. Issue the return from exception handler (RTE) instruction to terminate the handler routine and
return to the instruction stream. The RTE instruction should be issued at least two instructions
after the LDTLB instruction.
3.5.2
TLB Protection Violation Exception
A TLB protection violation exception results when the virtual address and the address array of the
selected TLB entry are compared and a valid entry is found to match, but the type of access is not
permitted by the access rights specified in the PR field. TLB protection violation exception
handling includes both hardware and software operations.
Hardware Operations: In a TLB protection violation exception, the SH7708 Series hardware
executes a set of prescribed operations, as follows:
1. The VPN field of the virtual address causing the exception is written to the PTEH register.
2. The virtual address causing the exception is written to the TEA register.
3. Either exception code H'0A0 for a load access, or H'0C0 for a store access, is written to the
EXPEVT register.
4. The PC value indicating the address of the instruction in which the exception occurred is
written into SPC (if the exception occurred in a delay slot, the PC value indicating the address
of the related delayed branch instruction is written into SPC).
5. The contents of SR at the time of the exception are written to SSR.
6. The MD bit in SR is set to 1 to place the SH7708 Series in privileged mode.
7. The BL bit in SR is set to 1 to mask any further exception requests.
8. The register bank (RB) bit in SR is set to 1.
9. The way that generated the exception is set in the RC field in MMUCR.
10. Execution branches to the address obtained by adding the value of the VBR contents and
H'00000100 to invoke the TLB protection violation exception handler.
Software (TLB Protection Violation Handler) Operations: The software resolves the TLB
protection violation and issues the RTE (return from exception handler) instruction to terminate
the handler and return to the instruction stream. The RTE instruction should be issued at least two
instructions after the LDTLB instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com