Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 21Page - Renesas Technology Corp SH7708 Datasheet HTML 22Page - Renesas Technology Corp SH7708 Datasheet HTML 23Page - Renesas Technology Corp SH7708 Datasheet HTML 24Page - Renesas Technology Corp SH7708 Datasheet HTML 25Page - Renesas Technology Corp SH7708 Datasheet HTML 26Page - Renesas Technology Corp SH7708 Datasheet HTML 27Page - Renesas Technology Corp SH7708 Datasheet HTML 28Page - Renesas Technology Corp SH7708 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 633 page
background image
7
1.3
Pin Description
1.3.1
Pin Arrangement
70
60
50
40
SH7708(FP-144F)
SH7708S(TFP-144, FP-144F)
SH7708R(FP-144F)
Top view
120
130
140
144
CS5/CE1A
CS4
CS3
CS2
CS1
CS0
Vss
Vcc
WE3/DQMUU/ICIOWR
WE2/DQMUL/ICIORD
CASHH/CAS2H
CASHL/CAS2L
Vss
Vcc
WE1/DQMLU
WE0/DQMLL
CASLH
CASLL/CAS/OE
Vss
Vcc
RAS/CE
MD5/
RAS2
CKE
WAIT
Vss
TCLK
Vcc (RTC)*2
XTAL2
EXTAL2
Vss (RTC)*2
Vcc
D31
D30
D29
D28
Vss
A25
A24
A23
Vcc
Vss
A22
A21
A20
A19
A18
A17
A16
Vcc
Vss
A15
A14
A13
Vcc
Vss
A12
A11
A10
Vcc
Vss
A9
A8
A7
A6
A5
A4
Vcc
Vss
A3
A2
A1
A0
Notes: 1. Make no connection.
2. Power supply pins for the on-chip RTC and on-chip PLL. These pins must be
connected to the power supply even if the RTC or PLL are not used.
3. Power supply pins for the on-chip PLL. Except in hardware standby mode,
these pins must be connected to the power supply even if the PLL is not used.
4. SH7708:Vcc
SH7708S,SH7708R:CA
Figure 1.2 Pin Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com