Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 68Page - Renesas Technology Corp SH7708 Datasheet HTML 69Page - Renesas Technology Corp SH7708 Datasheet HTML 70Page - Renesas Technology Corp SH7708 Datasheet HTML 71Page - Renesas Technology Corp SH7708 Datasheet HTML 72Page - Renesas Technology Corp SH7708 Datasheet HTML 73Page - Renesas Technology Corp SH7708 Datasheet HTML 74Page - Renesas Technology Corp SH7708 Datasheet HTML 75Page - Renesas Technology Corp SH7708 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 633 page
background image
54
3.1.3
SH7708 Series MMU
Virtual Address Map: The SH7708 Series uses 32-bit virtual addresses to access a 4-Gbyte
virtual address space that is divided into several areas. Address space mapping is shown in figure
3.2.
In privileged mode, there are five areas, P0–P4. The P0 and P3 areas are mapped onto physical
address space in page units, in accordance with address translation table information. Addresses
H'7F000000–H'7FFFFFFF in the P0 area can be used as on-chip RAM space by making a setting
in the cache control register (CCR) (see section 5, Cache). In this case, mapping by means of the
address translation table is not performed for the on-chip RAM space. Write-back or write-through
can be selected for write access by means of a CCR setting.
Mapping of the P1 area is fixed to physical address space (H'00000000 to H'1FFFFFFF). In the P1
area, setting a virtual address MSBs (bit 31) to 0 generates the corresponding physical address. P1
area access can be cached, and the cache control register (CCR) is set to indicate whether to cache
or not. Write access is processed as write-through (SH7708). A CCR setting can be made to select
write-back or write-through.
Mapping of the P2 area is fixed to physical address space (H'00000000 to H'1FFFFFFF). In the P2
area, setting the top three virtual address bits (bits 31, 30, and 29) to 0 generates the corresponding
physical address. P2 area access cannot be cached.
The P1 and P2 areas are not mapped by the address translation table, so the TLB is not used and
no exceptions like TLB misses occur. Initialization of MMU-related registers, exception
processing handling, and the like are located in the P1 and P2 areas. Because the P1 area is
cached, handlers that require high-speed processing are placed there.
The P4 area is used for mapping on-chip control register addresses.
In user mode, the 2 Gbytes of virtual address space from H'00000000 to H'7FFFFFFF (area U0)
can be accessed. U0 is mapped onto physical address space in page units. As with the P0 area,
addresses H'7000000–H'7FFFFFFF can be used as on-chip RAM space by making a setting in the
cache control register (CCR). In this case, mapping by means of the address translation table is not
performed for the on-chip RAM space. The 2 Gbytes of virtual address space from H'80000000 to
H'FFFFFFFF cannot be accessed in user mode. Attempting to do so creates an address error.
Write-back or write-through mode can be selected for write accesses by means of a CCR setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com