Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp SH7708 Datasheet HTML 100Page - Renesas Technology Corp SH7708 Datasheet HTML 101Page - Renesas Technology Corp SH7708 Datasheet HTML 102Page - Renesas Technology Corp SH7708 Datasheet HTML 103Page - Renesas Technology Corp SH7708 Datasheet HTML 104Page - Renesas Technology Corp SH7708 Datasheet HTML 105Page - Renesas Technology Corp SH7708 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 633 page
background image
84
Table 4.2
Vectored Exception Events (cont)
Exception
Type
Current
Instruction Exception Event
Priority*1
Exception
Order
Vector
Address
Vector
Offset
General
interrupt
Completed
Nonmaskable
interrupt
3
—
—
H'00000600
requests
External hardware
interrupt
4*3
—
—
H'00000600
Peripheral module
interrupt
4*3
—
—
H'00000600
Notes: 1. Priorities are indicated from high to low, 1 being highest and 4 being lowest.
2. The user defines the break point traps. 1 is a break point before instruction execution
and 11 is a break point after instruction execution. For an operand break point, use 11.
3. Use software to specify relative priorities of external hardware interrupts and peripheral
module interrupts (see section 6, Interrupt Controller (INTC)).
4.2.3
Acceptance of Exceptions
Processor resets and interrupts are asynchronous events unrelated to the instruction stream. All
exception events are prioritized to establish an acceptance order whenever two or more exception
events occur simultaneously. The power-on reset and manual reset may not occur simultaneously,
so they have the same priority.
All general exception events occur in a relative order in the execution sequence of an instruction
(i.e., execution order), but are handled at priority level 2 in instruction-stream order (i.e., program
order), where an exception detected in a preceding instruction is accepted prior to an exception
detected in a subsequent instruction.
Three general exception events (reserved instruction code exception, unconditional trap, and
illegal slot instruction exception) are detected in the decode stage of different instructions and are
mutually exclusive events in the instruction pipeline. They have the same execution priority.
Figure 4.2 shows the order of general exception acceptance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com