Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 385 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 385 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 381Page - Renesas Technology Corp SH7708 Datasheet HTML 382Page - Renesas Technology Corp SH7708 Datasheet HTML 383Page - Renesas Technology Corp SH7708 Datasheet HTML 384Page - Renesas Technology Corp SH7708 Datasheet HTML 385Page - Renesas Technology Corp SH7708 Datasheet HTML 386Page - Renesas Technology Corp SH7708 Datasheet HTML 387Page - Renesas Technology Corp SH7708 Datasheet HTML 388Page - Renesas Technology Corp SH7708 Datasheet HTML 389Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 633 page
background image
367
Table 13.11 Serial Communication Formats (Asynchronous Mode)
SCSMR Bits
Serial Transmit/Receive Format and Frame Length
CHR PE
MP
STOP
1
2345678
9
10
11
12
0
0
0
0
S
8-bit data
STOP
0
0
0
1
S
8-bit data
STOP STOP
0
1
0
0
S
8-bit data
P
STOP
0
1
0
1
S
8-bit data
P
STOP STOP
1
0
0
0
S
7-bit data
STOP
1
0
0
1
S
7-bit data
STOP STOP
1
1
0
0
S
7-bit data
P
STOP
1
1
0
1
S
7-bit data
P
STOP STOP
0
—
1
0
S
8-bit data
MPB
STOP
0
—
1
1
S
8-bit data
MPB
STOP STOP
1
—
1
0
S
7-bit data
MPB
STOP
1
—
1
1
S
7-bit data
MPB
STOP STOP
Legend
— :
Don’t care bits
S:
Start bit
STOP: Stop bit
P:
Parity bit
MPB:
Multiprocessor bit
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCI transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SCSMR) and bits CKE1 and CKE0 in the serial control
register (SCSCR) (table 13.10).
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.
When the SCI operates on an internal clock, it can output a clock signal at the SCK pin. The
frequency of this output clock is equal to the bit rate. The phase is aligned as shown in figure 13.3
so that the rising edge of the clock occurs at the center of each transmit data bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com