Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 466 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 466 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 462Page - Renesas Technology Corp SH7708 Datasheet HTML 463Page - Renesas Technology Corp SH7708 Datasheet HTML 464Page - Renesas Technology Corp SH7708 Datasheet HTML 465Page - Renesas Technology Corp SH7708 Datasheet HTML 466Page - Renesas Technology Corp SH7708 Datasheet HTML 467Page - Renesas Technology Corp SH7708 Datasheet HTML 468Page - Renesas Technology Corp SH7708 Datasheet HTML 469Page - Renesas Technology Corp SH7708 Datasheet HTML 470Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 633 page
background image
448
16.3.3
AC Bus Timing Specifications
Table 16.9
Bus Timing (Conditions: Clock Mode 0/1/2/7, VCC = 3.3 ± 0.3 V, Ta = –20 to
75°C)
–60*
1
Item
Symbol
Min
Max
Unit
Figure
Address delay time
tAD
—
13
ns
16.17–16.58
Address setup time
tAS
0—
ns
Address hold time
tAH
0—
ns
BS delay time
tBSD
—12
ns
CS delay time 1
tCSD1
—12
ns
CS delay time 2
tCSD2
—12
ns
Read write delay time
tRWD
—12
ns
Read write setup time
tRWS
0—
ns
Read write hold time
tRWH
0—
ns
Read strobe delay time
tRSD
—12
ns
Read data setup time 1
tRDS1
12
—
ns
Read data setup time 2
tRDS2
8—
ns
Read data hold time 1
tRDH1
0—
ns
Read data hold time 2
tRDH2
3—
ns
Write enable delay time
tWED
—12
ns
Write data delay time 1
tWDD1
—15
ns
Write data delay time 2
tWDD2
—15
ns
Write data setup time
tWDS
0—
ns
Write data hold time 1
tWDH1
0—
ns
Write data hold time 2
tWDH2
0—
ns
Write data hold time 3
tWDH3
0—
ns
Write data hold time 4
tWDH4
0—
ns
WAIT setup time*
2
tWTS
12
—
ns
WAIT hold time*
2
tWTH
4—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com