Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 509 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 509 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 505Page - Renesas Technology Corp SH7708 Datasheet HTML 506Page - Renesas Technology Corp SH7708 Datasheet HTML 507Page - Renesas Technology Corp SH7708 Datasheet HTML 508Page - Renesas Technology Corp SH7708 Datasheet HTML 509Page - Renesas Technology Corp SH7708 Datasheet HTML 510Page - Renesas Technology Corp SH7708 Datasheet HTML 511Page - Renesas Technology Corp SH7708 Datasheet HTML 512Page - Renesas Technology Corp SH7708 Datasheet HTML 513Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 509 / 633 page
background image
491
16.3.10
Peripheral Module Signal Timing
Table 16.11 Peripheral Module Signal Timing (Conditions: VCC = 3.3 ± 0.3 V, Ta = 0 to
75°C)
–15
–30
–60
Module Item
Symbol
Min
Max
Min Max
Min
Max Unit Figure
TMU,
Timer input setup time
tCLKS1
20
—
15
—
12
—
ns
16.54,
RTC
Timer clock input setup
time
tCKS
20
—
15
—
12
—
ns
16.55
Timer clock Single edge tTCKWH
1.5
—
1.5
—
1.5
—
tcyc
pulse width Both edges t
TCKWL
2.5
—
2.5
—
2.5
—
tcyc
Oscillation settling time
tROSC
—
3
—
3
—
3
S
16.61
SCI
Input clock
cycle
Asyn-
chronous
tScyc
4
—
4
—
4
—
tcyc 16.62–
16.64
syn-
chronous
6
—
6
—
6
—
tcyc
Input clock rise time
tSCKr
—
1.5
—
1.5
—
1.5
tcyc
Input clock fall time
tSCKf
—
1.5
—
1.5
—
1.5
tcyc
Input clock pulse width
tSCKw
0.4
0.6
0.4
0.6
0.4
0.6
tscyc
Transmit data delay time tTXD
—
100
—
100
—
100 ns
Receive data setup time
(synchronous)
tRXS
100
—
100 —
100
—
ns
Receive
Clock input tRXH
100
—
100 —
100
—
ns
data hold
time (syn-
chronous)
Clock
output
tRXH
0—
0
—
0
—
ns
Port
Output data delay time
tPORTD
—
20
—
17
—
15
ns
Input data setup time
tPORTS
20
—
15
—
12
—
ns
Input data hold time
tPORTH
10
—8
—5
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com