Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 512Page - Renesas Technology Corp SH7708 Datasheet HTML 513Page - Renesas Technology Corp SH7708 Datasheet HTML 514Page - Renesas Technology Corp SH7708 Datasheet HTML 515Page - Renesas Technology Corp SH7708 Datasheet HTML 516Page - Renesas Technology Corp SH7708 Datasheet HTML 517Page - Renesas Technology Corp SH7708 Datasheet HTML 518Page - Renesas Technology Corp SH7708 Datasheet HTML 519Page - Renesas Technology Corp SH7708 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 633 page
background image
498
17.3.1
Clock Timing
Table 17.5
Clock Timing (VCC = 3.15Å–3.6 V, Ta = –20 to 75°C, Maximum External Bus
Operating Frequency: 60 MHz)
Item
Symbol
Min
Max
Unit
Figure
EXTAL clock input frequency
fEX
5
60
MHz
17.1
EXTAL clock input cycle time
tEXcyc
16.7
200
ns
EXTAL clock input low-level pulse width
tEXL
4*1 or 10*2
—ns
EXTAL clock input high-level pulse width
tEXH
4*1 or 10*2
—ns
EXTAL clock input rise time
tEXr
—2
ns
EXTAL clock input fall time
tEXf
—2
ns
CKIO clock frequency (input)
fCKI
16
60
MHz
17.2
CKIO clock cycle time (input)
tCKIcyc
16.7
62.5
ns
CKIO clock low-level pulse width (input)
tCKIL
4—
ns
CKIO clock high-level pulse width (input)
tCKIH
4—
ns
CKIO clock rise time (input)
tCKIr
—2
ns
CKIO clock fall time (input)
tCKIf
—2
ns
CKIO clock output frequency (output)
fOP
16
60
MHz
17.3
CKIO clock cycle time (output)
tcyc
16.7
62.5
ns
CKIO clock low-level pulse width (output)
tCKOL
3—
ns
CKIO clock high-level pulse width (output)
tCKOH
3—
ns
CKIO clock rise time (output)
tCKOr
—5
ns
CKIO clock fall time (output)
tCKOf
—5
ns
Power-on oscillation settling time
tOSC1
10
—
ms
17.4
Power-on oscillation settling time/mode setting
tOSCMD
10
—
ms
BREQ reset hold time
tBREQRH
0—
ns
RESET set-up time
tRESS
20
—
ns
BREQ set-up time
tBREQS
20
—
ns
MD reset hold time
tMDRH
20
—
ns
Reset assert time
tRESW
20
—
tcyc
17.4,
17.5,
17.11
Standby return oscillation settling time 1
tOSC2
10
—
ms
17.5
Standby return oscillation settling time 2
tOSC3
10
—
ms
17.6
Standby return oscillation settling time 3
tOSC4
11
—
ms
17.7
PLL synchronization settling time
tPLL
100
—
µs
17.8,
17.9,
17.10
IRL interrupt decision time (using RTC and in
standby mode)
tIRLSTB
100
—
µs
17.10
Notes: 1. PLL circuit 2 in operation.
2. IPLL circuit 2 not in operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com