Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 522 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 518Page - Renesas Technology Corp SH7708 Datasheet HTML 519Page - Renesas Technology Corp SH7708 Datasheet HTML 520Page - Renesas Technology Corp SH7708 Datasheet HTML 521Page - Renesas Technology Corp SH7708 Datasheet HTML 522Page - Renesas Technology Corp SH7708 Datasheet HTML 523Page - Renesas Technology Corp SH7708 Datasheet HTML 524Page - Renesas Technology Corp SH7708 Datasheet HTML 525Page - Renesas Technology Corp SH7708 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 633 page
background image
504
17.3.2
Control Signal Timing
Table 17.6
Control Signal Timing (VCC = 3.15–3.6 V, Ta = –20 to + 75°C)
–60*2
Item
Symbol
Min
Max
Unit
Figure
RESET pulse width
tRESW
20
—
tcyc
17.11, 17.13,
RESET setup time
tRESS
23
—
ns
17.15
RESET hold time
tRESH
2—
ns
BREQ setup time
tBREQS
12
—
ns
BREQ hold time
tBREQH
3—
ns
BREQ reset setup time
tBREQRS
17
—
ns
BREQ reset hold time
tBREQRH
16
—
ns
MD reset setup time
tMDRS
20
—
tcyc
17.12
MD reset hold time
tMDRH
16
—
ns
NMI setup time*1
tNMIS
15
—
ns
17.13
IRL3–IRL0 setup time*1
tIRLS
10
—
ns
NMI hold time
tNMIH
4—
ns
IRL3–IRL0 hold time
tIRLH
4—
ns
IRQOUT delay time
tIRQOD
—
12
ns
17.14
BACK delay time
tBACKD
—
12
ns
17.15, 17.16
STATUS1, STATUS0 delay time
tSTD
—16
ns
Bus tri-state delay time 1
tBOFF1
016
ns
Bus tri-state delay time 2
tBOFF2
016
ns
Bus buffer on time 1
tBON1
016
ns
Bus buffer on time 2
tBON2
016
ns
Notes: 1.
RESET, NMI, and IRL3 to IRL0 are asynchronous. Changes are detected at the clock
fall when the setup shown is used. When the setup cannot be used, detection can be
delayed until the next clock fall.
2. Upper limit of external bus clock is 60 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com