Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 123Page - Renesas Technology Corp SH7708 Datasheet HTML 124Page - Renesas Technology Corp SH7708 Datasheet HTML 125Page - Renesas Technology Corp SH7708 Datasheet HTML 126Page - Renesas Technology Corp SH7708 Datasheet HTML 127Page - Renesas Technology Corp SH7708 Datasheet HTML 128Page - Renesas Technology Corp SH7708 Datasheet HTML 129Page - Renesas Technology Corp SH7708 Datasheet HTML 130Page - Renesas Technology Corp SH7708 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 633 page
background image
109
6.1.3
Pin Configuration
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Description
Nonmaskable interrupt input pin
NMI
I
Input of nonmaskable interrupt request
signal
Interrupt input pins
IRL3–IRL0
I
Input of interrupt request signals
(maskable by I3–I0 in SR)
Bus request output pin
IRQOUT
O
Output of signal that notifies external
devices that an interrupt or memory
refresh request has occurred
6.1.4
Register Configuration
The INTC has the three registers listed in table 6.2.
Table 6.2
Register Configuration
Name
Abbr.
R/W
Initial
Value*1 Address
Access
Size
Interrupt control register
ICR
R/W
*2
H'FFFFFEE0
16
Interrupt priority level setting register A
IPRA
R/W
H'0000
H'FFFFFEE2
16
Interrupt priority level setting register B
IPRB
R/W
H'0000
H'FFFFFEE4
16
Notes: 1. Initialized by a power-on reset or manual reset.
2. H'8000 when the NMI pin is high, H'0000 when the NMI pin is low.
6.2
Interrupt Sources
There are three types of interrupt sources: NMI, IRL, and on-chip supporting modules. Each
interrupt has a priority level (0–16) with 0 the lowest and 16 the highest. Priority level 0 masks an
interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com