Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 129Page - Renesas Technology Corp SH7708 Datasheet HTML 130Page - Renesas Technology Corp SH7708 Datasheet HTML 131Page - Renesas Technology Corp SH7708 Datasheet HTML 132Page - Renesas Technology Corp SH7708 Datasheet HTML 133Page - Renesas Technology Corp SH7708 Datasheet HTML 134Page - Renesas Technology Corp SH7708 Datasheet HTML 135Page - Renesas Technology Corp SH7708 Datasheet HTML 136Page - Renesas Technology Corp SH7708 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 633 page
background image
115
6.3
INTC Registers
6.3.1
Interrupt Priority Registers A and B (IPRA, IPRB)
Interrupt priority registers A and B (IPRA and IPRB) are 16-bit read/write registers that set
priority levels from 0 to 15 for on-chip supporting module interrupts. These registers are
initialized to H'0000 by a reset. They are not initialized in standby mode.
Bit:
15
14
13
12
11
10
9
8
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
Bit name:
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Table 6.5 lists the relationship between the interrupt sources and the IPRA and IPRB bits.
Table 6.5
Interrupt Request Sources and IPRA, IPRB
Register
Bits 15 to 12
Bits 11 to 8
Bits 7 to 4
Bits 3 to 0
IPRA
TMU0
TMU1
TMU2
RTC
IPRB
WDT
REF*1
SCI
Reserved *2
Notes: 1. REF is the memory refresh unit in the bus state controller. See section 10, Bus State
Controller, for details.
2. Reserved bits: Always read 0. Only 0 should be written.
As listed in table 6.5, four sets of on-chip supporting modules are assigned to each register. 4-bit
groups (bits 15 to 12, bits 11 to 8, bits 7 to 4, and bits 3 to 0) are set with values from H'0 (0000)
to H'F (1111). Setting H'0 means priority level 0 (masking is requested); H'F is priority level 15
(the highest level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com