Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 253Page - Renesas Technology Corp SH7708 Datasheet HTML 254Page - Renesas Technology Corp SH7708 Datasheet HTML 255Page - Renesas Technology Corp SH7708 Datasheet HTML 256Page - Renesas Technology Corp SH7708 Datasheet HTML 257Page - Renesas Technology Corp SH7708 Datasheet HTML 258Page - Renesas Technology Corp SH7708 Datasheet HTML 259Page - Renesas Technology Corp SH7708 Datasheet HTML 260Page - Renesas Technology Corp SH7708 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 633 page
background image
239
10.3.4
DRAM Interface
DRAM Connection Method: When the memory type bits (DRAMTP2–DRAMTP0) in BCR1 are
set to 100, area 3 becomes DRAM space; when set to 101, area 2 and area 3 become DRAM
space. The DRAM interface function can then be used to connect the SH7708 Series directly to
DRAM.
16 or 32 bits can be selected as the interface data width for area 3 when bits DRAMTP2 to
DRAMTP0 are set to 100, and 16 bits can be used for both area 2 and area when bits DRAMTP2
to DRAMTP0 are set to 101.
2-CAS 16-bit DRAMs can be connected, since
CAS is used to control byte access.
Signals used for connection when DRAM is connected to area 3 are
RAS, CASHH, CASHL,
CASLH, CASLL, and RD/WR. CASHH and CASHL are not used when the data width is 16 bits.
When DRAM is connected to areas 2 and 3, the signals for area 2 DRAM connection are
RAS2,
CAS2H, CAS2L, and RD/WR, and those for area 3 DRAM connection are RAS, CASLH,
CASLL, and RD/WR.
In addition to normal read and write access modes, high-speed page mode is supported for burst
access. Also, for DRAM connected to area 3, EDO mode, which enables the DRAM access time
to be increased by delaying the data sampling timing by 1/2 clock when reading, is supported in
addition to normal read and write access for burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com