Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 274Page - Renesas Technology Corp SH7708 Datasheet HTML 275Page - Renesas Technology Corp SH7708 Datasheet HTML 276Page - Renesas Technology Corp SH7708 Datasheet HTML 277Page - Renesas Technology Corp SH7708 Datasheet HTML 278Page - Renesas Technology Corp SH7708 Datasheet HTML 279Page - Renesas Technology Corp SH7708 Datasheet HTML 280Page - Renesas Technology Corp SH7708 Datasheet HTML 281Page - Renesas Technology Corp SH7708 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 633 page
background image
260
Figure 10.25 shows the burst read timing when RCD is set to 1, A3W1 and A3W0 are set to 10,
and TPC is set to 1.
The
BS cycle, which is asserted for one cycle at the start of a bus cycle for normal access space, is
asserted in each of cycles Td1–Td4 in a synchronous DRAM cycle. When a burst read is
performed, the address is updated each time
CAS is asserted. As the unit of burst transfer is 16
bytes, address updating is performed for A3 and A2 only. In a fill operation in the event of a cache
miss, the order of access is: the missed data is read first, then 16-byte boundary data including the
missed data is read in wraparound mode.
CKIO
A25 to A16,
A13
A12
A15, A14,
A11 to A0
CS2 or CS3
RAS
CAS
RD/
WR
DQMxx
D31 to D0
BS
Tr
Tc1
Tc2
Tc3/Td1 Tc4/Td2
Td3
Tpc
Trw
Td4
Figure 10.25 Synchronous DRAM Burst Read Wait Specification Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com