Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 305Page - Renesas Technology Corp SH7708 Datasheet HTML 306Page - Renesas Technology Corp SH7708 Datasheet HTML 307Page - Renesas Technology Corp SH7708 Datasheet HTML 308Page - Renesas Technology Corp SH7708 Datasheet HTML 309Page - Renesas Technology Corp SH7708 Datasheet HTML 310Page - Renesas Technology Corp SH7708 Datasheet HTML 311Page - Renesas Technology Corp SH7708 Datasheet HTML 312Page - Renesas Technology Corp SH7708 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 633 page
background image
291
I/O Card Interface Timing: Figures 10.47 and 10.48 show the timing for the PCMCIA I/O card
interface.
The I/O card interface is supported only for physical space area 6. Switching between the I/O card
interface and the IC memory card interface is performed according to the accessed address. When
PCMCIA is designated for physical space area 6, the bus access is automatically performed as an
I/O card interface access when a physical address from H'1A000000 to H'1BFFFFFF is accessed.
When accessing a PCMCIA I/O card, the access should be performed using a noncacheable area in
virtual space (P2 or P3 space) or an area specified as noncacheable by the MMU.
When an I/O card interface access is made to a PCMCIA card in little-endian mode, dynamic
sizing of the I/O bus width is possible using the
IOIS16 pin. When a 16-bit bus width is set for
area 6, if the
IOIS16 signal is high during a word-size I/O bus cycle, the I/O port is recognized as
being 8 bits in width. In this case, a data access for only 8 bits is performed in the I/O bus cycle
being executed, followed automatically by a data access for the remaining 8 bits.
Figure 10.49 shows the basic timing for dynamic bus sizing.
In big-endian mode, the
IOIS16 signal is not supported.
In big-endian mode, the
IOIS16 signal should be fixed low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com