Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 157 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 157 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 153Page - ATMEL Corporation AT90SCR100 Datasheet HTML 154Page - ATMEL Corporation AT90SCR100 Datasheet HTML 155Page - ATMEL Corporation AT90SCR100 Datasheet HTML 156Page - ATMEL Corporation AT90SCR100 Datasheet HTML 157Page - ATMEL Corporation AT90SCR100 Datasheet HTML 158Page - ATMEL Corporation AT90SCR100 Datasheet HTML 159Page - ATMEL Corporation AT90SCR100 Datasheet HTML 160Page - ATMEL Corporation AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 433 page
background image
157
TPR0327AY–SMS–30Jan09
AT90SCR100
14. USB Device Interface
This section contains an overview of the USB module and the description of the registers design
to interface this USB module. It also details the USB interrupt, the Suspend and Resume modes,
the double buffering, the mode detection and the attachment procedure. This section assumes
the reader of this document is comfortable with the USB Specifications V2.0, available on the
www.usb.org
website. He may also refer to the USB register summary, located at the end of this
document to have a complete overview of the registers available. See “Register Summary” on
page 417.
14.1
Features
• USB 2.0 FullSpeed compliant
• Data transfer rates up to 12Mbit/s
• 8 Programmable Endpoints bi-directionnals
– Endpoint 0 for control: 64bytes
– Endpoints 1 to 3 support double buffers of 64bytes each
– Endpoints 4 to 7: 8 bytes each
• Suspend/Resume Interrupts
• Resume Wake Up Capabilities
• Automatic NACK if USB not ready to transmit/receive
• Specific USBDMA connected for fast and easy copy from Endpoint to RAM
14.2
Overview
The following diagram represents the USB module that contains the necessary logic to commu-
nicate via a Full-Speed USB port.
In Register configuration, you may see ‘X’ suffix at the end of some register. This
value is to be changed into 0, 1, 2, 3, 4, 5, 6 and 7 according to the endpoint
targeted.
The USBENUM is designed to target choose the endpoint to target.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com