Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 158 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 158 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 154Page - ATMEL Corporation AT90SCR100 Datasheet HTML 155Page - ATMEL Corporation AT90SCR100 Datasheet HTML 156Page - ATMEL Corporation AT90SCR100 Datasheet HTML 157Page - ATMEL Corporation AT90SCR100 Datasheet HTML 158Page - ATMEL Corporation AT90SCR100 Datasheet HTML 159Page - ATMEL Corporation AT90SCR100 Datasheet HTML 160Page - ATMEL Corporation AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 433 page
background image
158
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 14-1.
USB Module Diagram
The USB module of the AT90SCR100 is made up of the following elements:
• The USB Transceiver: it is the electrical and physical interface between the USB Bus and
the internal logic of the AT90SCR100.
• The USB Serial Interface Engine: this logical part manages the NRZI coding/decoding, the
bit stuffing/unstuffing, the CRC generation/checking and the serial-parallel data conversion
as requested by the USB specifications.
• The Universal Function Interface: this block is the interface between the data flow and the
internal Dual Port RAM of the USB module that contains the endpoints.
• The DPRAM block: the Dual Port RAM is an internal block of the USB module. It contains
the seven available endpoints and can be accessed either by the SIE or the UFI. It is
intended to be used as a buffer between the USB bus and the internal data bus of the
AT90SCR100.
• The USBDMA Controller: the Direct Memory Access logical module allows fast data
transfers from the DPRAM to the RAM of the AT90SCR100. See “USBDMA Controller” on
page 172.
USB MODULE
USB
Transceiver
USBDM
(D-)
USBDP
(D+)
USB SIE
(Serial Interface
Engine)
Clock
and
Suspend
/
Resume
Manager
XIN
XOUT
USB UFI
(Universal
Function
Interface)
USBDMA
Controller
Data
Exchanges
USB Control
and Status,
USB Interrupt,
...
DPRAM
Endpoint 0
Endpoint 3
Endpoint 2
Endpoint 1
64 Bytes
2x64 Bytes
2x64 Bytes
2x64 Bytes
Endpoint 4
8 Bytes
Endpoint 5
8 Bytes
Endpoint 6
Endpoint 7
8 Bytes
8 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com