Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 158Page - ATMEL Corporation AT90SCR100 Datasheet HTML 159Page - ATMEL Corporation AT90SCR100 Datasheet HTML 160Page - ATMEL Corporation AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 433 page
background image
162
TPR0327AY–SMS–30Jan09
AT90SCR100
The USB module is able to detect this request and automatically sets the bit USBPI.SUSI. See
“USBPI - USB Protocol Interrupt register” on page 165. This event generates a USB interruption
if the Suspend Interrupt source is not masked and if the USB interrupt is enabled.
Once Suspend mode has been entered, the USB module is able to detect a Resume request.
This event immediately and automatically makes the chip come out the POWER-DOWN mode
and sets (one) bit USBPI.RESI. The fact that bit USBPI.RESI is set (one) triggers a new USB
interrupt if the Resume Interrupt source is not masked and if the USB interrupt is enabled. The
application software shall then clear the interrupt source in its interrupt service routine.
14.6.1
Remote Wake-up
The USB Module is also able to generate a remote wake-up signal (K signal) to raise the com-
munication with the host. To enable this feature, the USBGS.RMWUE bit must be set.
The wake-up signal start to be generated by setting the bit USBCR.URMWU bit.
As soon as this bit is set, a protocol interrupt is generated, if USBPIM.RMWUIM bit is set.
through the raise of USBPI.RMWUI flag.
The remote wake-up signal will be automatically stopped after ~13ms generation. As soon as
the signal stops, the USBGS.RSMON bit is cleared.
Below is a scheme showing all the signal for Remote Wake Up management.
Figure 14-3.
Remote Wake Up State Sequence Description
In order to support the power consumption threshold fixed by the USB specifica-
tions, the oscillator is switched off by hardware. The POWER-DOWN mode must
be entered by setting appropriate configuration in SMCR and followed by a SLEEP
instruction.
When a Resume signal has been detected the USB module does not automati-
cally restarts the internal oscillator. See “Important note about: Entering and
Leaving low consumption modes” on page 47.
Note
Note
When the USBGS.RSMON bit is cleared, do not forget to clear USBCR.URMWU
bit, for next Remote Wake Up sequence.
Note
USBGS.RMWUE
USBCR.URMWU
USBGS.RMSON
USBPI.RMWUI
Enable the feature...
...Start the WakeUp Signal generation...
...and wait the end of the generation.
Flag to be cleared by software
Control to be cleared by software
~13ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com