Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 166 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 166 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 433 page
background image
166
TPR0327AY–SMS–30Jan09
AT90SCR100
Cleared (zero) by software.
14.8.3
USBPIM - USB Protocol Interrupt Mask Register
See “USBPI - USB Protocol Interrupt register” on page 165.
• Bits 7..4 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bit 3 - SOFIM : Start Of Frame Interrupt Mask Bit
When SOFIM is set (one) the Start Of Frame interrupt is enabled.
When SOFIM is cleared (zero) the Start Of Frame interrupt is masked.
• Bit 2 - RMWUIM : Remote Wake-Up Interrupt Mask Bit
When RMWUIM is set (one), the Remote WakeUp interrupt is enabled.
When RMWUIM is cleared (zero), the Remote WakeUp interrupt is disabled.
• Bit 1 - RESIM : Resume Interrupt Mask Bit
When RESIM is set (one) the Resume interrupt is enabled.
When RESIM is cleared (zero) the Resume interrupt is masked.
• Bit 0 - SUSIM : Suspend Interrupt Mask Bit
When SUSIM is set (one) the Suspend interrupt is enabled. When SUSIM is cleared (zero) the
Suspend interrupt is masked.
14.8.4
USBEI - USB Endpoint Interrupt Register
The following interrupt sources are all sources for the USB Endpoint interruption.
• Bit n - EPnI : Endpoint n Interrupt Bit (n=0..7)
This bit is set (one) by hardware when an endpoint interrupt condition has occurred on the end-
point n.
These bits can also be set (one) by software.
Note
Bit
7654
3
2
1
0
$0000E2
----
SOFIM
RMWUIM
RESIM
SUSIM
USBPIM
Read/write
RRRR
R/W
R/W
R/W
R/W
Initial value
0000
0
0
1
0
0x02
Bit
7654
3
2
1
0
$0000E3
EP7I
EP6I
EP5I
EP4I
EP3I
EP2I
EP1I
EP0I
USBEI
Read/write
RRRRR
R
R
R
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com