Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 165 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 165 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 161Page - ATMEL Corporation AT90SCR100 Datasheet HTML 162Page - ATMEL Corporation AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 433 page
background image
165
TPR0327AY–SMS–30Jan09
AT90SCR100
• Bit 1 - USBE : USB Enable Bit
You must clear this bit before using it, even if the USB module has not been used previously.
Set this bit to enable the USB controller.
Clear this bit to disable and reset the USB controller, to disable the USB transceiver and to dis-
able the USB controller clock inputs.
• Bit 0 - Res : Reserved Bit
This bit is reserved and will always be read as zero.
14.8.2
USBPI - USB Protocol Interrupt register
The following interrupt sources are all sources for the USB Protocol interruption
• Bits 7..5 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bit 4 - FEURI : Falling Edge on USB Reset Interrupt Bit
Set (one) by hardware when a falling edge on the USB Reset has occurred. This bit indicates
the end of the USB bus Reset signaling.
This interruption is not maskable at the USBPIM register level (see “USBPIM - USB Protocol
Interrupt Mask Register” on page 166).
Cleared (zero) by software.
• Bit 3 - SOFI : Start Of Frame Interrupt Bit
Set (one) by hardware when a Start Of Frame PID has been detected on the USB bus.
Cleared (zero) by software.
• Bit 2 - RMWUI :Remote WakeUp Interrupt Bit
Set (one) byt hardware when the USBCR.URMWU bit is set.
Cleared (zero) by software.
• Bit 1 - RESI : Resume Interrupt Bit
Set (one) by hardware when a USB Resume signal has been detected on the USB bus.
Cleared (zero) by software.
• Bit 0 - SUSI : Suspend Interrupt Bit
Set (one) by hardware when a USB Suspend signal has been detected on the USB bus.
Clearing the USBE bit will freeze the USB macro the same way as PRR1.PRUSB.
Anyway, these two bits are independant, and for the USB macro to run, USBE
must be set and PRUSB must be cleared. See “PRR1 – Power Reduction Register
1” on page 46.
Note
Bit
7654
3
2
1
0
$0000E1
-
-
-
FEURI
SOFI
RMWUI
RESI
SUSI
USBPI
Read/write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com