Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 167 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 167 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 163Page - ATMEL Corporation AT90SCR100 Datasheet HTML 164Page - ATMEL Corporation AT90SCR100 Datasheet HTML 165Page - ATMEL Corporation AT90SCR100 Datasheet HTML 166Page - ATMEL Corporation AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 433 page
background image
167
TPR0327AY–SMS–30Jan09
AT90SCR100
This bit is cleared (zero) by hardware when the endpoint interrupt source has been cleared
(zero) by the software (see “USBCSEX - USB Control And Status Register for Endpoint X” on
page 167).
14.8.5
USBEIM - USB Endpoint Interrupt Mask Register
See “USBEI - USB Endpoint Interrupt Register” on page 166.
• Bit n - EPnIM : Endpoint n Interrupt Mask Bit (n=0..7)
When EPnIM is set (one) the Endpoint n interrupt is enabled.
When EPnIM is cleared (zero) the Endpoint n interrupt is masked.
14.8.6
USBENUM - USB Endpoint Number Register
• Bit 7..3 - Res : Reserved Bits
These bits are reserved and are always read as zero.
• Bit 2..0 - ENUM2..0 : Endpoint Number
Use this register to select an endpoint. The USB Device registers ended by a X correspond then
to this number.
14.8.7
USBCSEX - USB Control And Status Register for Endpoint X
Set USBENUM register to point to the relevant Endpoint before using the USBCEX register.
The endpoint interrupt conditions are listed below and further detailed in “USBC-
SEX - USB Control And Status Register for Endpoint X” on page 167. They are the
same for the seven endpoints ( 0
≤ n ≤ 7):
• USBCSEn.TXC bit is set in Bulk In, Interrupt In or Control mode.
• USBCSEn.RCVD bit is set in Bulk Out, Interrupt Out, Isochronous Out or
Control mode.
• USBCSEn.RXSETUP is set in Control mode.
• USBCSEn.STSENT bit is set in Bulk, Interrupt or Control mode.
Note
Bit
7654
3
2
1
0
$0000E5
EP7IM
EP6IM
EP5IM
EP4IM
EP3IM
EP2IM
EP1IM
EP0IM
USBEIM
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00
Bit
7
6543
2
1
0
$0000CA
-----
ENUM [2..0]
USBENUM
Read/write
R
R
R
R
R
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
Bit
7654
3
2
1
0
$0000CB
-
IERR
FSTALL
TXPB
STSENT RXSETUP
RCVD
TXC
USBCSEX
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com