Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 171 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 171 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 167Page - ATMEL Corporation AT90SCR100 Datasheet HTML 168Page - ATMEL Corporation AT90SCR100 Datasheet HTML 169Page - ATMEL Corporation AT90SCR100 Datasheet HTML 170Page - ATMEL Corporation AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 433 page
background image
171
TPR0327AY–SMS–30Jan09
AT90SCR100
3. Wait for USBRSE.RSTEn to be cleared (zero) by hardware (polling).
14.8.11
USBGS - USB Global State Register
• Bits 7..4 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bits 3 - RSMON : Resume Signal ON
This bit is set and cleared by hardware.
Set by hardware when a resume is sent to the USB host during remote wake-up sequence.
Automatically cleared when the resume signal emission is halted (last ~13ms).
• Bits 2 - RMWUE : Remote Wake-Up Enable
This bit is set and cleared by software.
Set this bit to enable the remote wake-up feature.
• Bit 1 - FCF : Function Configured Flag Bit
This bit is cleared (zero) by the hardware when a USB Reset signaling is received.
The software must set (one) this bit after receiving a valid SET_CONFIGURATION request from
the host unless it is equal to zero.
The software must clear (zero) this bit after receiving a valid SET_CONFIGURATION request
from the host with a zero value.
• Bit 0 - FAF : Function Addressed Flag Bit
This bit is cleared (zero) by the hardware when a USB Reset signaling is received.
The software must set (one) this bit after receiving a valid SET_ADDRESS request from the
host.
14.8.12
USBFA - USB Function Address Register
• Bit 7 - Res : Reserved Bit :
This bit is reserved bit in the AT90SCR100 and is always read as zero.
• Bits 6..0 - FADD6..0 : Function Address Register 6..0 Bits
These bits are cleared (zero) by the hardware when a USB Reset is received.
Bit
7654
3
2
10
$0000E6
----
RSMON
RMWUE
FCF
FAF
USBGS
Read/write
RRRR
R
R/W
R/W
R/W
Initial value
0000
0
0
00
0x00
Bit
7654
3
2
1
0
$0000E7
-
FADD6
FADD5
FADD4
FADD3
FADD2
FADD1
FADD0
USBFA
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0000
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com