Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 175 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 175 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 171Page - ATMEL Corporation AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 433 page
background image
175
TPR0327AY–SMS–30Jan09
AT90SCR100
• If the bit is set (one), the transfer will be from the RAM memory to the selected endpoint
(emission mode).
• If the bit is cleared (zero), the transfer will be from the selected endpoint to the RAM memory
(receiving mode).
• Bit 0 - USBDMAR : USB DMA Run Bit
This bit is set (one) by software and cleared (zero) by hardware.
This bit controls the USBDMA operation launching.
It is set (one) by software when a USBDMA operation is to be performed.
It is cleared (zero) by hardware at the end of the operation.
14.9.2
USBDMAD - USBDMA ADdress Registers
• Bits 15..14 - Res : Reserved Bits
These bits are reserved bits in the AT90SCR100 and are always read as zero.
• Bits 13..0 - USBDMAD13..0 : DMA Address
These bits represents the 14-bit USBDMA Address.
These two registers set the base address in RAM. This address represents the source of the
data to be sent if the USBDMA controller is configured in the emission mode. It represents the
destination to store the data if the USBDMA controller is configured in the receiving mode.
The initial value corresponds to RAM address $000100.
You can address the whole RAM with this parameter. Values in RAM that must not be dumped,
shall be stored out of the USBDMA RAM accessible range.
When starting a USBDMA operation, the hardware will check if the values of USBDMADH, USB-
DMADL and USBDMAB registers does not exceed the specific RAM area ($000100 to
$0010FF). If an error is detected, USBDMACS.DMAERR bit is automatically set (one). A Super-
The software does not need to poll this bit in order to detect the end of the USB-
DMA operation. Indeed, when the USBDMACS.DMAR bit is set by the software,
the AVR is automatically stopped. When the end of the USBDMA operation is
reached, the AVR then automatically executes the instructions following the set-
ting of the bit USBDMACS.DMAR.
A USBDMA operation can not be interrupted because the CPU is not available
during this time.
Note
Note
Bit
15
14
13
12
11
10
9
8
$0000EC
-
-
USBDMAD [13..8]
USBDMADH
$0000EB
USBDMAD [7..0]
USBDMADL
Bit
7
6
5
4
3
2
1
0
Read/write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
1
0x01
0
0
0
0
0
0
0
0
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com