Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 177 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 177 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 433 page
background image
177
TPR0327AY–SMS–30Jan09
AT90SCR100
15. Smart Card Interface Block (SCIB)
The SCIB provides all signals to interface directly with a smart card. The compliance with the
ISO7816, EMV’2000 and GSM standards has been certified. Also, the WHQL standard can be
achieved with an appropriate software.
15.1
Features
• Support of ISO/IEC 7816
• Performances: Up to 3 cycles per etu, and ISO clock up to 4.8Mhz
• Frequency up to 12Mhz
• Character mode
• One transmit/receive buffer
• 11 bits ETU counter
• 9 bits guard time counter
• 32 bits waiting time counter
• Auto character repetition on error signal detection in transmit mode
• Auto error signal generation on parity error detection in receive mode
• Power off sequence generation
• Manual mode to drive directly the card I/O
15.2
Overview
All synchronous (e.g. memory card), asynchronous and USB smart cards (e.g. microprocessor
card) are supported. The component supplies the different voltages requested by the smart
card. The power_on and power_off sequence is directly managed by the SCIB.
To enable the communication on CC4/CC8 with USB smart cards, the USB Host Controller must
be enabled.
The card presence switch of the smart card connector is used to detect card insertion or card
removal. In the case of card removal, the SCIB deactivates the smart card using the deactivation
sequence. An interrupt can be generated when a card is inserted or removed.
Any malfunction is reported to the microcontroller (interrupt + control register).
The different operating modes are configured by internal registers.
15.3
Block Diagram
The Smart Card Interface Block diagram is shown Figure 15-1:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com