Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 179 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 179 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 433 page
background image
179
TPR0327AY–SMS–30Jan09
AT90SCR100
De-Activation
Deactivation by the Terminal as a result of : unresponsive ICC, or ICC removal.
ATR
Answer To Reset. Response from the ICC to a Reset initiated by the Terminal
F and D
F = Clock Rate Conversion Factor, D = Bit rate adjustment factor. ETU is defined as : ETU =
F/(D*f) with f = Card Clock frequency. If f is in Hertz, ETU is in second. F and D are available in
the ATR (byte TA1). The default values are F=372, D=1.
Guard Time
The time between 2 leading edges of the start bit of 2 consecutive characters is comprised of the
character duration (10) plus the guard time. Be aware that the Guard Time counter and the
Guard Time registers in the AT90SCR100 consider the time between 2 consecutive characters.
So the equation is Guard Time Counter = Guard Time + 10. In other words, the Guard Time is
the number of Stop Bits between 2 characters sent in the same direction.
Extra Guard Time
ISO IEC 7816-3 and EMV introduce the Extra Guard time to be added to the minimum Guard
Time. Extra Guard Time only apply to consecutive characters sent by the terminal to the ICC.
The TC1 byte in the ATR define the number N. For N=0 the character to character duration is 12
ETUs. For N=254 the character to character duration is 266. For N=255 (special case) The min-
imum character to character duration is to be used : 12 for T=0 protocol and 11 for T=1 protocol.
Block Guard Time
The time between the leading edges of 2 consecutive characters sent in opposit direction. ISO
IEC 7816-3 and EMV recommend a fixed Block Guard Time of 22 ETUs.
Work Waiting Time (WWT)
In T=0 protocol WWT is the interval between the leading edge of any character sent by the ICC,
and the leading edge of the previous character sent either by the ICC or the Terminal. If no char-
acter is received by the terminal after WWTmax time, the Terminal initiates a deactivation
sequence.
Character Waiting Time (CWT)
In T=1 protocol CWT is the interval between the leading edge of 2 consecutive characters sent
by the ICC. If the next character is not received by the Terminal after CWTmax time, the Termi-
nal initiates a deactivation sequence.
Block Waiting Time (BWT)
In T=1 protocol BWT is the interval between the leading edge of the start bit of the last character
sent by the Terminal that gives the right to sent to the ICC, and the leading edge of the start bit
of the first character sent by the ICC. If the first character from the ICC is not received by the
Terminal after BWTmax time, the Terminal initiates a deactivation sequence.
Waiting Time Extention (WTX)
In T=1 protocol the ICC can request a Waiting Time Extension with a S(WTX request) request.
The Terminal should acknowlege it. The Waiting time between the leading edge of the start bit of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com