Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 182 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 182 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 433 page
background image
182
TPR0327AY–SMS–30Jan09
AT90SCR100
character receptions from the ICC. It then increments at each ETU until it reaches the 9 bit value
loaded into shadow SCGT registers, or until it is re-initialized by the start of an new transmission
from the ICC. If the Block Guard Time counter reaches the 9 bit value loaded into shadow SCGT
registers, a transmission by the TERMINAL is enabled, and the Block Guard Time counter stops
incrementing. The Block Guard Time counter is re-initialized at the start of each terminal
transmission.
The SCGT shadow registers are loaded with the content of GT[8-0] contained in the registers
SCGT with the rising edge of the bit BGTEN in the SCSR register. See Figure 15-4.
Figure 15-3.
Block Guard Time
Figure 15-4.
Guard Time and Block Guard Time counters
To illustrate the use of Guard Time and Block Guard Time, consider the ISO/IEC7816-3 recom-
mendation : Guard Time = 2 (minimum delay between 2 consecutive characters sent by the
Terminal = 12 ETUs), and Block Guard Time = 22 ETUs.
After a smart Card Reset
• Write ‘00’ decimal in SCGTH, Write ‘22’ decimal in SCGTL
• Set BGTEN in SCSR (BGTEN was 0 before as a result of the smart card reset)
• Write ‘12’ decimal in SCGTL
Now the Guard Time and Block Guard Time are properly initialized. The TERMINAL will insure a
minimun 12 ETUs between 2 leading edges of 2 consecutive characters transmitted. The TER-
MINAL will also insure a minimum of 22 ETUs between the leading edge of a character sent by
CHAR 1
>= SCGT
CHAR 2
CHAR n
CHAR 1
CHAR 2
Reception from ICC
Transmission to ICC
>= Block Guard Time
Write “Block Guard Time” in SCGT
register and set the BGTEN to transfer
the value to the shadow SCGT register
Write SCGT with a value
for Guard Time
Guard Time Counter
Block Guard Time Counter
Comparator
Comparator
Shadow SCGTH
Shadow SCGTL
SCGTH
SCGTL
ETU Counter
9 bits
Transmit Enable
Transmit Enable
9 bits
9 bits
GT[8..0]
9 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com