Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 183 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 183 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 433 page
background image
183
TPR0327AY–SMS–30Jan09
AT90SCR100
the ICC, and the leading edge of a character sent by the TERMINAL. There is no need to write
SCGT again and again.
15.5.6
Waiting Time (WT) Counter
The WT counter is a 32 bits down counter which can be loaded with the value contained in the
SCWT3, SCWT2, SCWT1, SCWT0 registers. Its main purpose is timeout signal generation. It is
32 bits wide and is decremented at the ETU rate. see Figure 15-5.
When the WT counter times out, an interrupt is generated and the SCIB function is locked:
reception and emission are disabled. It can be enabled by resetting the macro or reloading the
counter.
The Waiting Time Counter can be used in T=0 protocol for the Work Waiting Time. It can be
used in T=1 protocol for the Character Waiting Time and for the Block Waiting Time. See the
detailed explanation below.
Figure 15-5.
Waiting Time Counter
In the so called manual mode, the counter is loaded, if WTEN = 0, during the write of SCWT2
register. The counter is loaded with a 32 bit word built with SCWT3 SCWT2 SCWT1 SCWT0
registers (SCWT0 contains WT[7-0] bytes. WTEN is located in the SCICR register.
When WTEN=1 and in UART mode, the counter is re-loaded at each start bit. This mode will be
detailed below in T=0 protocol and T=1 protocol.
In manual mode, the WTEN signal controls the start of the counter (rising edge) and the stop of
the counter (falling edge). After a timeout of the counter, a falling edge on WTEN, a reload of
SCWT2 and a rising edge of WTEN are necessary to start again the counter and to release the
SCIB macro. The reload of SCWT2 transfers all SCWT0, SCWT1, SCWT2 and SCWT3 regis-
ters to the WT counter.
In UART mode there is an automatic load on the start bit detection. This automatic load is very
useful for changing on-the-fly the timeout value since there is a register to hold the load value.
This is the case for T=1 protocol.
In T=0 protocol the maximun interval between the start leading edge of any character sent by
the ICC and the start of the previous character sent by either the ICC or the Terminal is the max-
imum Work Waiting Time. The Work Waiting Time shall not exceed 960*D*WI ETUs with D and
WI parameters are returned by the field TA1 and TC2 respectively in the Answer To Reset
(ATR). This is the value the user shall write in the SCWT0,1,2,3 register. This value will be
reloaded in the Waiting Time counter every start bit.
Guard Time Counter
Timeout
Load
WT [31..0]
ETU Counter
WTEN
Write SCWT2
Uart
Start Bit
SCWT3
SCWT2
SCWT1
SCWT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com