Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 181 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 181 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 433 page
background image
181
TPR0327AY–SMS–30Jan09
AT90SCR100
in SCETUH register bit position 7. With COMP=1 the ETU of every character even bits is
reduced by 1 Card Clock period. As a result, the average ETU is : ETU_average = (ETU - 0.5).
One should bear in mind that the ETU counter should be programmed to deliver a faster ETU
which will be reduced by the COMP mechanism, not the other way around. This allows to reach
the required precision of the character duration specified by the ISO7816-3 standard.
Example1 : F=372, D=32 => ETU= F/D = 11.625 clock cycles.
We select ETU[10-0] = 12 , COMP=1. ETUaverage= 12 - (0.5*COMP) = 11.5
The result will be a full character duration (10 bit) = (10 - 0.107)*ETU. The EMV specification is
(10 +/- 0.2)*ETU
15.5.4
Guard Time Counter
The minimum time between the leading edge of the start bits of 2 consecutive characters trans-
mitted by the Terminal is controlled by the Guard Time counter, as described in Figure 15-4.
The Guard Time counter is an 9 bit counter. It is initialized to 001h at the start of a transmission
by the Terminal. It then increments itself at each ETU until it reaches the 9 bit value loaded into
the SCGT register. At this time a new Terminal transmission is enabled and the Guard Time
Counter stops incrementing. As soon as a new transmission starts, the Guard Time Counter is
re-initialized to 1.
Care must be taken with the Guard Time Counter which counts the duration between the leading
edges of 2 consecutive characters. This corresponds to the character duration (10 ETU) plus the
Guard Time as defined by the ISO and EMV recommendations. To program Guard Time = 2 : 2
stop bits between 2 characters which is equivalent to the minimum delay of 12 ETUs between
the leading edges of 2 consecutive characters, SCGT should be loaded with the value 12 deci-
mal. See Figure 15-2.
Figure 15-2.
Guard Time
15.5.5
Block Guard Time Counter
The Block Guard Time counter provides a way to program a minimum time between the leading
edge of the start bit of a character received from the ICC and the leading edge of the start bit of
a character sent by the terminal. ISO IEC 7816-3 and EMV recommend a fixed Block Guard
Time of 22 ETUs. The AT90SCR100 offers the possibility to extend this delay up to 512 ETUs.
The Block Guard Time is a 9 bit counter. When the Block Guard Time mode is enabled
(BGTEN=1 in SCSR register) the Block Guard Time counter is initialized to 000h at the start of a
The value of the Guard Time Counter cannot be read. Reading SCGT only gives
the minimum time between 2 characters that the Guard Time Counter allows.
Note
CHAR n+1
>= SCGT
CHAR n+2
Transmission to ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com