Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 184 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 184 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation AT90SCR100 Datasheet HTML 185Page - ATMEL Corporation AT90SCR100 Datasheet HTML 186Page - ATMEL Corporation AT90SCR100 Datasheet HTML 187Page - ATMEL Corporation AT90SCR100 Datasheet HTML 188Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 433 page
background image
184
TPR0327AY–SMS–30Jan09
AT90SCR100
Figure 15-6.
T=0 mode
In T=1 protocol : The maximum interval between the leading edge of the start bit of 2 consecu-
tive characters sent by the ICC is called maximum Character Waiting Time. The Character
Waiting Time shall not exceed (2*CWI + 11) ETUs with 0 =< BWI =< 5. Consequently 12 ETUs
=< CWT =< 43 ETUs.
T=1 protocol also specify the maximum Block Waiting Time. This is the time between the leading
edge of the last character sent by the Terminal giving the right to send to the ICC, and the lead-
ing edge of the start bit of the first character sent by the ICC. The Block Waiting Time shall not
exceed (2*BWI*960 + 11) ETUs with 0 =< BWI =< 4. Consequently 971 ETUs =< BWT =< 15371
ETUs.
In T=1 protocol it is possible to extend the Block Waiting Time with the Waiting Time Extension
(WTX). When selected the waiting time becomes BWT*WTX ETUs. The Waiting Time counter is
32 bit wide to accomodate this feature.
It is possible to take advantage of the automatic reload of the Waiting Time counter with a start
bit in UART mode (T=1 protocol use UART mode) . If the Terminal sends a block of N charac-
ters, and the ICC is supposed to answer immediately after, then the following sequence can be
used.
While sending the (N-1)th character of the block, the Terminal can write the SCWT0,1,2,3 with
BWImax.
At the start bit of the Nth character, the BWImax is loaded in the Waiting Time counter
During the transmission of the Nth character, the Terminal can write SCWT0,1,2,3 with the
CWImax.
At the start bit of the first character sent by the ICC, the CWImax will be loaded in the Waiting
Time counter.
Figure 15-7.
T=1 Mode
CHAR 1
CHAR 2
> GT
< WT
CHAR 1
CHAR 2
CHAR n
Bloc 1
TRANSMISSION
CHAR 1
CHAR 2
CHAR n
< BWT
Bloc n
RECEPTION
< CWT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com