Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 180 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 180 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation AT90SCR100 Datasheet HTML 181Page - ATMEL Corporation AT90SCR100 Datasheet HTML 182Page - ATMEL Corporation AT90SCR100 Datasheet HTML 183Page - ATMEL Corporation AT90SCR100 Datasheet HTML 184Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 433 page
background image
180
TPR0327AY–SMS–30Jan09
AT90SCR100
the last character sent by the Terminal that gives the right to sent to the ICC, and the leading
edge of the start bit of the first character sent by the ICC will be BWT*WTX ETUs.
Parity error in T=0 protocol
In T=0 protocol, a Terminal (respectively an ICC) detecting a parity error while receiving a char-
acter shall force the Card IO line at 0 starting at 10.5 ETUs, thus reducing the first Guard bit by
half the time. The Terminal (respectively an ICC) shall maintain a 0 for 1 ETU min and 2 ETUs
max (according to ISO IEC) or to 2 ETUs (according to EMV). The ICC (respectively a Terminal)
shall monitor the Card IO to detect this error signal then attempt to repeat the character. Accord-
ing to EMV, following a parity error the character can be repeated one time, if parity error is
detected again this procedure can be repeated 3 more times. The same character can be trans-
mitted 5 times in total. ISO IEC7816-3 says this procedure is mandatory in ATR for card
supporting T=0 while EMV says this procedure is mandatory for T=0 but does not apply for ATR.
15.5
Functional Description
The architecture of the Smart Card Interface Block can be detailed as follows:
15.5.1
Barrel Shifter
The Barrel Shifter performs the translation between 1 bit serial data and 8-bit parallel data.
The barrel function is useful for character repetition as the character is still present in the shifter
at the end of the character transmission.
This shifter is able to shift the data in both directions and to invert the input or output value in
order to manage both direct and inverse ISO7816-3 convention.
Coupled with the barrel shifter is a parity checker and generator.
There are 2 registers connected to this barrel shifter, one for the transmission and one for the
reception. They act as buffers to relieve the CPU of timing constraints.
15.5.2
SCART FSM
(Smart Card Asynchronous Receiver Transmitter Finite State Machine)
This is the core of the block. Its purpose is to control the barrel shifter. To sequence correctly the
barrel shifter for a reception or a transmission, it uses the signals issued by the different coun-
ters. One of the most important counters is the guard time counter that gives time slots
corresponding to the character frame.
The SCART FSM is enabled only in UART mode. See “SCICR - Smart Card Interface Control
Register” on page 190.
The transition from reception mode to the transmission mode is done automatically. Priority is
given to the transmission. Transmission refers to Terminal transmission to the ICC. Reception
refers to reception by the Terminal from the ICC.
15.5.3
ETU Counter
The ETU (Elementary Timing Unit) counter controls the operating frequency of the barrel shifter,
in fact it generates the enable signal of the barrel shifter. It receives the Card Clock, and gener-
ates the ETU clock. The Card Clock frequency is called “f” below. The ETU counter is 11 bit
wide.
A special compensation mode can be activated. It accomodates situations where the ETU is not
an integer number of Card Clock (clkSCI). The compensation mode is controlled by the COMP bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com