Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90SCR100 Datasheet(PDF) 176 Page - ATMEL Corporation

Part # AT90SCR100
Description  8-bit Microcontroller for Smart Card Readers
PDF  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90SCR100 Datasheet(HTML) 176 Page - ATMEL Corporation

Back Button AT90SCR100 Datasheet HTML 172Page - ATMEL Corporation AT90SCR100 Datasheet HTML 173Page - ATMEL Corporation AT90SCR100 Datasheet HTML 174Page - ATMEL Corporation AT90SCR100 Datasheet HTML 175Page - ATMEL Corporation AT90SCR100 Datasheet HTML 176Page - ATMEL Corporation AT90SCR100 Datasheet HTML 177Page - ATMEL Corporation AT90SCR100 Datasheet HTML 178Page - ATMEL Corporation AT90SCR100 Datasheet HTML 179Page - ATMEL Corporation AT90SCR100 Datasheet HTML 180Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 433 page
background image
176
TPR0327AY–SMS–30Jan09
AT90SCR100
visor RAM Illegal Access Attempt Violation security interrupt (if not masked) is so triggered.
USBDMADH, USBDMADL and USBDMAB registers keep their previous value.
14.9.3
USBDMAB - USBDMA Amount of Bytes Register
This register is dedicated to the amount of bytes to be transferred during the next USBDMA
operation setting.
• Bit 7 - Res : Reserved Bit
This bit is reserved bit in the AT90SCR100 and is always read as zero.
• Bits 6..0 - USBDMAB6..0 : DMA Amount of Bytes Bits
These bits are the (6..0) bits of the 7-bit USBDMA Amount of Bytes value.
When starting a USBDMA operation, the hardware will check if the values of USBDMADH, USB-
DMADL and USBDMAB registers does not exceed the specific RAM area ($000100 to
$0010FF). If an error is detected, USBDMACS.DMAERR bit is automatically set (one). A Super-
visor RAM Illegal Access Attempt Violation security interrupt (if not masked) is so triggered.
USBDMADH, USBDMADL and USBDMAB registers keep their previous value.
After a USBDMA operation, USBDMADH and USBDMADL are set to the last
value reached in RAM and incremented by one. For instance, after a 64-byte
transfer started from base address $000100, USBDMAD equals to $000140 (USB-
DMADH = $01 and USBDMADL = $40). This feature allows to simplify registers
and bits handlings when several USBDMA operations are to be successively per-
formed, which can be the case when getting or sending several packets.
Note
Bit
7
6543
2
1
0
$0000ED
-
USBDMAB [6..0]
USBDMAB
Read/write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
0x00
After a USBDMA operation completion, the value of this register is not reset.
The maximum value allowed for USBDMAB depends on the endpoint selected.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com